Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 9Page - Texas Instruments LP87332D Datasheet HTML 10Page - Texas Instruments LP87332D Datasheet HTML 11Page - Texas Instruments LP87332D Datasheet HTML 12Page - Texas Instruments LP87332D Datasheet HTML 13Page - Texas Instruments LP87332D Datasheet HTML 14Page - Texas Instruments LP87332D Datasheet HTML 15Page - Texas Instruments LP87332D Datasheet HTML 16Page - Texas Instruments LP87332D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
4
6
8
10
12
14
16
18
20
22
24
D103
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
80
82
84
86
88
90
92
94
96
98
100
D104
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
5
6
7
8
9
10
11
12
13
14
15
D101
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
50
52
54
56
58
60
62
64
66
68
70
D102
13
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified: V(VIN_Bx) = V(VIN_LDOx) = V(VANA) = 3.7 V, VOUT_Bx = 1 V, VOUT_LDO = 1 V, TA = 25°C, L = 0.47 µH
(TOKO DFE252012PD-R47M), COUT_BUCK = 22 µF, CPOL_BUCK = 22 µF, and COUT_LDO = 1 µF.
Regulators disabled
Figure 2. Standby Current Consumption vs Input Voltage
VOUT_Bx = 1 V
Load = 0 mA
Figure 3. Active State Current Consumption vs Input
Voltage, One Buck Regulator Enabled in PFM Mode
VOUT_Bx = 1 V
Load = 0 mA
Figure 4. Active State Current Consumption vs Input
Voltage, One Buck Regulator Enabled in Forced PWM Mode
VOUT_LDOx = 1 V
Load = 0 mA
Figure 5. Active State Current Consumption vs Input
Voltage, One LDO Regulator Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com