Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 14Page - Texas Instruments LP87332D Datasheet HTML 15Page - Texas Instruments LP87332D Datasheet HTML 16Page - Texas Instruments LP87332D Datasheet HTML 17Page - Texas Instruments LP87332D Datasheet HTML 18Page - Texas Instruments LP87332D Datasheet HTML 19Page - Texas Instruments LP87332D Datasheet HTML 20Page - Texas Instruments LP87332D Datasheet HTML 21Page - Texas Instruments LP87332D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
24MHz
RC
Oscillator
CLKIN
Divider
´(;7_CLK_
)5(4´
PLL
Divider
24
CLKIN
Detector
Clock Select
Logic
Internal
24MHz
clock
1MHz
1MHz
´(1_3//´
24MHz
18
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 8. Clock and PLL Module
Table 2. PLL Operation
DEVICE
OPERATION MODE
EN_PLL
PLL AND CLOCK
DETECTOR STATE
INTERRUPT FOR
EXTERNAL CLOCK
CLOCK
STANDBY
0
Disabled
No
Internal RC
ACTIVE
0
Disabled
No
Internal RC
STANDBY
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
ACTIVE
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
7.3.3 Low-Dropout Linear Regulators (LDOs)
The LP87332D device includes two identical linear regulators, LDO0 and LDO1, targeting analog loads with low
noise requirements. The LDO regulators deliver 0.8-V to 3.3-V regulated voltage rails from a 2.5-V to 5.5-V input
voltage. Both regulators have dedicated inputs which can be higher or lower than the device system voltage
V(VANA) to minimize the power dissipation.
7.3.4 Power-Up
The power-up sequence for the LP87332D is as follows:
•
VANA (and VIN_Bx) reach minimum recommended levels (VVANA > VANAUVLO). This initiates power-on-reset
(POR), OTP reading, and enables the system I/O interface. The I2C host should allow at least 1.2 ms before
writing or reading data to the LP87332D.
•
Device enters standby mode.
•
The host can change the default register setting by I2C if needed.
•
The regulators can be enabled/disabled and the GPO signals can be controlled by EN pin and by I2C
interface.
Transitions between the operating modes are shown in Modes of Operation.
7.3.5 Regulator Control
7.3.5.1 Enabling and Disabling Regulators
The regulators can be enabled when the device is in STANDBY or ACTIVE state. There are two ways for enable
and disable the buck regulators:
•
Using BUCKx_EN bit in BUCKx_CTRL_1 register (BUCKx_EN_PIN_CTRL bit is 0 in BUCKx_CTRL_1
register)
•
Using EN control pin (BUCKx_EN bit is 1 AND BUCKx_EN_PIN_CTRL bit is 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com