Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 17Page - Texas Instruments LP87332D Datasheet HTML 18Page - Texas Instruments LP87332D Datasheet HTML 19Page - Texas Instruments LP87332D Datasheet HTML 20Page - Texas Instruments LP87332D Datasheet HTML 21Page - Texas Instruments LP87332D Datasheet HTML 22Page - Texas Instruments LP87332D Datasheet HTML 23Page - Texas Instruments LP87332D Datasheet HTML 24Page - Texas Instruments LP87332D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Enable
Time
Voltage
Resistive pull-down
(if enabled)
LDOx_VSET[4:0]
INT_LDO(LDOx_PG_INT)
nINT
Host clears
interrupts
Powergood
interrupts
Powergood
LDO_STAT(LDOx_PG_STAT)
0
0
1
Voltage decrease because of load
LDO_STAT(LDOx_STAT)
0
0
1
0
1
1
0
0
1
0 1
0
LDO_MASK(LDOx_PGF_MASK) = 0
LDO_MASK(LDOx_PGR_MASK) = 0
1
0
21
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 10. LDO Regulator Enable and Disable
The EN input pin have an integrated pulldown resistor. The pulldown resistor is controlled with EN_PD bit in
CONFIG register.
7.3.5.2 Changing Output Voltage
The output voltage of the regulator can be changed by writing to the BUCKx_VOUT / LDOx_VOUT register. The
voltage change for buck regulator is always slew-rate controlled, and the slew-rate is defined by the
BUCKx_SLEW_RATE[2:0] bits in BUCKx_CTRL_2 register. During voltage change the forced PWM mode is
used automatically. When the programmed output voltage is achieved, the mode becomes the one defined by
load current, and the BUCKx_FPWM bit in BUCKx_CTRL_1 register.
The voltage change and Power-Good interrupts are shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com