Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 34Page - Texas Instruments LP87332D Datasheet HTML 35Page - Texas Instruments LP87332D Datasheet HTML 36Page - Texas Instruments LP87332D Datasheet HTML 37Page - Texas Instruments LP87332D Datasheet HTML 38Page - Texas Instruments LP87332D Datasheet HTML 39Page - Texas Instruments LP87332D Datasheet HTML 40Page - Texas Instruments LP87332D Datasheet HTML 41Page - Texas Instruments LP87332D Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
38
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 Register Descriptions
The LP87332D is controlled by a set of registers through the I2C-compatible interface. The device registers, their
addresses and their abbreviations are listed in Table 7. A more detailed description is given in the DEV_REV to
I_LOAD_1 sections.
The asterisk (*) marking indicates register bits which are updated from OTP memory during READ OTP state.
NOTE
This register map describes the default values for a device with orderable code of
LP87332DRHDR. For other device versions the default values read from OTP memory
can be different.
Table 7. Summary of LP87332D Control Registers
Addr
Register
Read /
Write
D7
D6
D5
D4
D3
D2
D1
D0
0x00
DEV_REV
R
DEVICE_ID[1:0]
Reserved
0x01
OTP_REV
R
OTP_ID[7:0]
0x02
BUCK0_
CTRL_1
R/W
Reserved
BUCK0_FP
WM
BUCK0_RDI
S_EN
BUCK0_
EN_PIN_CT
RL
BUCK0_EN
0x03
BUCK0_
CTRL_2
R/W
Reserved
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]
0x04
BUCK1_
CTRL_1
R/W
Reserved
BUCK1_FP
WM
BUCK1_RDI
S_EN
BUCK1_
EN_PIN_CT
RL
BUCK1_EN
0x05
BUCK1_
CTRL_2
R/W
Reserved
BUCK1_ILIM[2:0]
BUCK1_SLEW_RATE[2:0]
0x06
BUCK0_
VOUT
R/W
BUCK0_VSET[7:0]
0x07
BUCK1_
VOUT
R/W
BUCK1_VSET[7:0]
0x08
LDO0_
CTRL
R/W
Reserved
LDO0_RDIS
_EN
LDO0_
EN_PIN_CT
RL
LDO0_EN
0x09
LDO1_
CTRL
R/W
Reserved
LDO1_RDIS
_EN
LDO1_
EN_PIN_CT
RL
LDO1_EN
0x0A
LDO0_
VOUT
R/W
Reserved
LDO0_VSET[4:0]
0x0B
LDO1_
VOUT
R/W
Reserved
LDO1_VSET[4:0]
0x0C
BUCK0_
DELAY
R/W
BUCK0_SHUTDOWN_DELAY[3:0]
BUCK0_STARTUP_DELAY[3:0]
0x0D
BUCK1_
DELAY
R/W
BUCK1_SHUTDOWN_DELAY[3:0]
BUCK1_STARTUP_DELAY[3:0]
0x0E
LDO0_
DELAY
R/W
LDO0_SHUTDOWN_DELAY[3:0]
LDO0_STARTUP_DELAY[3:0]
0x0F
LDO1_
DELAY
R/W
LDO1_SHUTDOWN_DELAY[3:0]
LDO1_STARTUP_DELAY[3:0]
0x10
GPO_
DELAY
R/W
GPO_SHUTDOWN_DELAY[3:0]
GPO_STARTUP_DELAY[3:0]
0x11
GPO2_
DELAY
R/W
GPO2_SHUTDOWN_DELAY[3:0]
GPO2_STARTUP_DELAY[3:0]
0x12
GPO_
CTRL
R/W
Reserved
GPO2_OD
GPO2_
EN_PIN_CT
RL
GPO2_EN
Reserved
GPO_OD
GPO_
EN_PIN_CT
RL
GPO_EN
0x13
CONFIG
R/W
Reserved
STARTUP_
DELAY_SE
L
SHUTDOW
N_DELAY_
SEL
CLKIN_PIN
_SEL
CLKIN_PD
EN_PD
TDIE
_WARN
_LEVEL
EN_
SPREAD
_SPEC
0x14
PLL_CTRL
R/W
Reserved
EN_PLL
Reserved
EXT_CLK_FREQ[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com