Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 3 Page - Texas Instruments

  LP87332D Datasheet HTML 1Page - Texas Instruments LP87332D Datasheet HTML 2Page - Texas Instruments LP87332D Datasheet HTML 3Page - Texas Instruments LP87332D Datasheet HTML 4Page - Texas Instruments LP87332D Datasheet HTML 5Page - Texas Instruments LP87332D Datasheet HTML 6Page - Texas Instruments LP87332D Datasheet HTML 7Page - Texas Instruments LP87332D Datasheet HTML 8Page - Texas Instruments LP87332D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
8
9
10
11
12
13
14
2
3
4
5
6
1
7
20
19
18
17
16
21
15
28
27
26
25
24
23
22
VIN_LDO1
nINT
CLKIN
VIN_B1
VIN_B1
SW_B1
SW_B1
SW_B0
SW_B0
VIN_B0
VIN_B0
GPO
PGOOD
VIN_LDO0
THERMAL PAD
3
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
A: Analog Pin, D: Digital Pin, G: Ground Pin, P: Power Pin, I: Input Pin, O: Output Pin
5 Pin Configuration and Functions
RHD Package
28-Pin VQFN With Thermal Pad
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
VOUT_LDO0
P/O
LDO0 output. If LDO0 is not used, leave the pin floating.
2
FB_B0
A
Output voltage feedback (positive) for Buck 0
3
FB_B1
A
Output voltage feedback (positive) for Buck 1
4
AGND
G
Ground
5
VANA
P/I
Supply voltage for analog and digital blocks. Must be connected to same node with VIN_Bx.
6
EN
D/I
Programmable enable signal for regulators and GPOs. If the pin is not used, leave the pin
floating.
7
VOUT_LDO1
P/O
LDO1 output. If LDO1 is not used, leave the pin floating.
8
VIN_LDO1
P/I
Power input for LDO1. If LDO1 is not used, connect the pin to VANA.
9
nINT
D/O
Open-drain interrupt output. Active LOW. If the pin is not used, connect the pin to ground.
10
CLKIN
D/I/O
External clock input. Alternative function is general-purpose digital output (GPO2). If the pin is not
used, leave the pin floating.
11, 12
VIN_B1
P/I
Input for Buck 1. The separate power pins VIN_Bx are not connected together internally -
VIN_Bx pins must be connected together in the application and be locally bypassed.
13, 14
SW_B1
P/O
Buck 1 switch node. If the Buck 1 is not used, leave the pin floating.
15, 16
PGND_B1
P/G
Power ground for Buck 1
17
SCL
D/I
Serial interface clock input for I2C access. Connect a pullup resistor. If the I2C interface is not
used, connect the pin to Ground.
18
SDA
D/I/O
Serial interface data input and output for I2C access. Connect a pullup resistor. If the I2C
interface is not used, connect the pin to Ground.
19
SGND
G
Ground
20, 21
PGND_B0
P/G
Power ground for Buck 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com