Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 20Page - Texas Instruments LP87332D Datasheet HTML 21Page - Texas Instruments LP87332D Datasheet HTML 22Page - Texas Instruments LP87332D Datasheet HTML 23Page - Texas Instruments LP87332D Datasheet HTML 24Page - Texas Instruments LP87332D Datasheet HTML 25Page - Texas Instruments LP87332D Datasheet HTML 26Page - Texas Instruments LP87332D Datasheet HTML 27Page - Texas Instruments LP87332D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
24
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.7 Device Reset Scenarios
There are three reset methods implemented on the LP87332D:
•
Software reset with SW_RESET bit in RESET register
•
Undervoltage lockout (UVLO) reset from VANA supply
An SW reset occurs when SW_RESET bit is written 1. The bit is automatically cleared after writing. This event
disables all the regulators immediately, drives GPO and GPO2 signals low, resets all the register bits to the
default values and OTP bits are loaded (see Figure 18). I2C interface is not reset during software reset.
If VANA supply voltage falls below the UVLO threshold level then all the regulators are disabled immediately,
GPO and GPO2 signals are driven low, and all the register bits are reset to the default values. When the VANA
supply voltage transition above UVLO threshold level an internal POR occurs. OTP bits are loaded to the
registers and a startup is initiated according to the register settings.
7.3.8 Diagnosis and Protection Features
The LP87332D is capable of providing four levels of protection features:
•
Information of valid regulator output voltage which sets interrupt or PGOOD signal;
•
Warnings for diagnosis which sets interrupt;
•
Protection events which are disabling the regulators; and
•
Faults which are causing the device to shutdown.
The LP87332D sets the flag bits indicating what protection or warning conditions have occurred, and the nINT
pin is pulled low. nINT is released again after a clear of flags is complete. The nINT signal stays low until all the
pending interrupts are cleared.
When a fault is detected or software requested reset, it is indicated by a RESET_REG_INT interrupt flag in
INT_TOP_2 register after next start-up. If the RESET_REG_MASK is set to masked in the OTP, the interrupt is
not generated. The mask bit change with I2C does not affect, because the RESET_REG_MASK bit is loaded
from OTP during reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com