Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 59 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 55Page - Texas Instruments LP87332D Datasheet HTML 56Page - Texas Instruments LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments LP87332D Datasheet HTML 60Page - Texas Instruments LP87332D Datasheet HTML 61Page - Texas Instruments LP87332D Datasheet HTML 62Page - Texas Instruments LP87332D Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D019
Vin=3.3V, AUTO
Vin=5.0V, AUTO
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D021
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D011
Vout=1V
Vout=1.8V
Vout=2.5V
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D015
Vin=3.3V, FPWM
Vin=5.0V, FPWM
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D003
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D007
Vout=1V
Vout=1.8V
Vout=2.5V
59
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 Application Curves
Measurements are done using typical application set up with connections shown in Figure 25. Graphs may not
reflect the OTP default settings. Unless otherwise specified: V(VIN_Bx) = V(VIN_LDOx) = V(VANA) = 3.7 V, VOUT_Bx = 1
V, VOUT_LDOx = 1 V, TA = 25°C, L = 0.47 µH (TOKO DFE252012PD-R47M), COUT_BUCK = 22 µF, and CPOL_BUCK =
22 µF, COUT_LDO = 1 µF.
VOUT = 1.8 V
Figure 26. Buck Efficiency in PFM/PWM and Forced PWM
Mode
VIN = 3.3 V
Figure 27. Buck Efficiency in Forced PWM Mode
VIN = 5 V
Figure 28. Buck Efficiency in Forced PWM Mode
VOUT = 1 V
Figure 29. Buck Output Voltage vs Load Current in Forced
PWM Mode
VOUT = 1 V
Figure 30. Buck Output Voltage vs Load Current in
PFM/PWM Mode
VOUT = 1 V
Load = 1 A
Figure 31. Buck Output Voltage vs Input Voltage in PWM
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com