Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 42Page - Texas Instruments LP87332D Datasheet HTML 43Page - Texas Instruments LP87332D Datasheet HTML 44Page - Texas Instruments LP87332D Datasheet HTML 45Page - Texas Instruments LP87332D Datasheet HTML 46Page - Texas Instruments LP87332D Datasheet HTML 47Page - Texas Instruments LP87332D Datasheet HTML 48Page - Texas Instruments LP87332D Datasheet HTML 49Page - Texas Instruments LP87332D Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
46
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
3:0
GPO_
STARTUP_
DELAY[3:0]
R/W
0x7*
Delay for GPO rising edge from rising edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
7.6.1.18 GPO2_DELAY
Address: 0x11
D7
D6
D5
D4
D3
D2
D1
D0
GPO2_SHUTDOWN_DELAY[3:0]
GPO2_STARTUP_DELAY[3:0]
Bits
Field
Type
Default
Description
7:4
GPO2_
SHUTDOWN_
DELAY[3:0]
R/W
0x0*
Delay for GPO2 falling edge from falling edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
3:0
GPO2_
STARTUP_
DELAY[3:0]
R/W
0xA*
Delay for GPO2 rising edge from rising edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
7.6.1.19 GPO_CTRL
Address: 0x12
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
GPO2_OD
GPO2_EN_PIN
_CTRL
GPO2_EN
Reserved
GPO_OD
GPO_EN_PIN_
CTRL
GPO_EN
Bits
Field
Type
Default
Description
7
Reserved
R
0
6
GP02_OD
R/W
1 *
GPO2 signal type when configured as General Purpose Output (CLKIN pin):
0 - Push-pull output (VANA level)
1 - Open-drain output
5
GPO2_EN_PIN_C
TRL
R/W
1 *
Control for GPO2:
0 - Only GPO2_EN bit controls GPO2
1 - GPO2_EN bit AND EN pin control GPO2.
4
GPO2_EN
R/W
1 *
Output level of GPO2 signal (when configured as General Purpose Output):
0 - Logic low level
1 - Logic high level
3
Reserved
R
0
2
GPO_OD
R/W
1 *
GPO signal type:
0 - Push-pull output (VANA level)
1 - Open-drain output
1
GPO_EN_PIN_CT
RL
R/W
1 *
Control for GPO:
0 - Only GPO_EN bit controls GPO
1 - GPO_EN bit AND EN pin control GPO.
0
GPO_EN
R/W
1 *
Output level of GPO signal:
0 - Logic low level
1 - Logic high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com