Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 51Page - Texas Instruments LP87332D Datasheet HTML 52Page - Texas Instruments LP87332D Datasheet HTML 53Page - Texas Instruments LP87332D Datasheet HTML 54Page - Texas Instruments LP87332D Datasheet HTML 55Page - Texas Instruments LP87332D Datasheet HTML 56Page - Texas Instruments LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
55
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
7:1
Reserved
R/W
000 0000
0
LOAD_CURRENT_
BUCK_SELECT
R/W
0
Start the current measurement on the selected regulator:
0 - Buck0
1 - Buck1
The measurement is started when register is written.
7.6.1.38 I_LOAD_2
Address: 0x25
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK_LOAD_
CURRENT[8]
Bits
Field
Type
Default
Description
7:1
Reserved
R
000 0000
0
BUCK_LOAD_
CURRENT[8]
R
0
This register describes the MSB bit of the average load current on selected regulator
with a resolution of 20 mA per LSB and maximum 10.22-A current.
7.6.1.39 I_LOAD_1
Address: 0x26
D7
D6
D5
D4
D3
D2
D1
D0
BUCK_LOAD_CURRENT[7:0]
Bits
Field
Type
Default
Description
7:0
BUCK_LOAD_
CURRENT[7:0]
R
0000 0000 This register describes 8 LSB bits of the average load current on selected regulator
with a resolution of 20 mA per LSB and maximum 10.22-A current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com