Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments LP87332D Datasheet HTML 60Page - Texas Instruments LP87332D Datasheet HTML 61Page - Texas Instruments LP87332D Datasheet HTML 62Page - Texas Instruments LP87332D Datasheet HTML 63Page - Texas Instruments LP87332D Datasheet HTML 64Page - Texas Instruments LP87332D Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
VOUT(200mV/div)
Time (400 µs/div)
VOUT(200mV/div)
Time (400 µs/div)
61
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 38. Buck Transient From PFM-to-PWM Mode
Figure 39. Buck Transient From PWM-to-PFM Mode
IOUT = 0.1 A → 2 A → 0.1 A
TR = TF = 400 ns
Figure 40. Buck Transient Load Step Response, AUTO
Mode
IOUT = 0.1 A → 2 A → 0.1 A
TR = TF = 400 ns
Figure 41. Buck Transient Load Step Response, Forced
PWM Mode
Figure 42. Buck VOUT Transition from 0.6 V to 1.4 V With
Different Slew Rate Settings
Figure 43. Buck VOUT Transition from 1.4 V to 0.6 V With
Different Slew Rate Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com