Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 10Page - Texas Instruments LP87332D Datasheet HTML 11Page - Texas Instruments LP87332D Datasheet HTML 12Page - Texas Instruments LP87332D Datasheet HTML 13Page - Texas Instruments LP87332D Datasheet HTML 14Page - Texas Instruments LP87332D Datasheet HTML 15Page - Texas Instruments LP87332D Datasheet HTML 16Page - Texas Instruments LP87332D Datasheet HTML 17Page - Texas Instruments LP87332D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
14
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP87332D is a high-efficiency, high-performance flexible power supply device with two step-down DC-DC
converter cores (Buck0 and Buck1) and two low-dropout (LDO) linear regulators (LDO0 and LDO1) for industrial
applications. Table 1 lists the output characteristics of the regulators.
Table 1. Supply Specification
SUPPLY
OUTPUT
VOUT RANGE (V)
RESOLUTION (mV)
IMAX MAXIMUM OUTPUT CURRENT (mA)
Buck0
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3000
Buck1
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3000
LDO0
0.8 to 3.3
100
300
LDO1
0.8 to 3.3
100
300
The LP87332D also supports switching clock synchronization to an external clock (CLKIN pin). The nominal
frequency of the external clock can be from 1 MHz to 24 MHz with 1-MHz steps.
Additional features include:
•
Soft-start
•
Input voltage protection:
–
Undervoltage lockout
–
Overvoltage protection
•
Output voltage monitoring and protection:
–
Overvoltage monitoring
–
Undervoltage monitoring
–
Overload protection
•
Thermal warning
•
Thermal shutdown
The LP87332D has one dedicated general purpose digital output (GPO) signal. CLKIN pin can be programmed
as a second GPO signal (GPO2) if external clock is not needed. The output type (open-drain or push-pull) is
programmable for the GPOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com