Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 22Page - Texas Instruments LP87332D Datasheet HTML 23Page - Texas Instruments LP87332D Datasheet HTML 24Page - Texas Instruments LP87332D Datasheet HTML 25Page - Texas Instruments LP87332D Datasheet HTML 26Page - Texas Instruments LP87332D Datasheet HTML 27Page - Texas Instruments LP87332D Datasheet HTML 28Page - Texas Instruments LP87332D Datasheet HTML 29Page - Texas Instruments LP87332D Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
26
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Regulator output voltage monitoring (not current limit monitoring) can be selected for PGOOD indication. This
selection is individual for both buck regulators and both LDO regulators and is set by EN_PGOOD_BUCKx bits in
PGOOD_CTRL_1 register and EN_PGOOD_LDOx bits in PGOOD_CTRL_1 register. When a regulator is
disabled, the monitoring is automatically masked to prevent it forcing PGOOD inactive. A thermal warning can be
also selected for PGOOD indication with EN_PGOOD_TWARN bit in PGOOD_CTRL_2 register. The monitoring
from all the output rails, thermal warning (TDIE_WARN_STAT), input overvoltage interrupt (OVP_INT), and
thermal shutdown interrupt (TDIE_SD_INT) are combined, and PGOOD pin is active only if all the selected
sources shows a valid status.
The type of output voltage monitoring for PGOOD signal is selected by PGOOD_WINDOW_x bits in
PGOOD_CTRL_1 register. If the bit is 0, only undervoltage is monitored; if the bit is 1, both undervoltage and
overvoltage are monitored.
The polarity and the output type (push-pull or open-drain) are selected by the PGOOD_POL and PGOOD_OD
bits in the PGOOD_CTRL_1 register.
PGOOD is only active or asserted when all enabled power resource output voltages are within specified
tolerance for each requested/programmed output voltage.
PGOOD is inactive or de-asserted if any enabled power resource output voltages is outside specified tolerance
for each requested/programmed output voltage.
The device OTP setting selects either gated (that is, unusual) or continuous (that is, invalid) mode of operation.
7.3.8.1.1
PGOOD Pin Gated mode
The gated (or unusual) mode of operation is selected by setting PGOOD_MODE bit to 0 in PGOOD_CTRL_2
register.
For the gated mode of operation, PGOOD behaves as follows:
•
PGOOD is set to active or asserted state upon exiting OTP configuration as an initial default state.
•
PGOOD status is suspended or unchanged during an 800-µs gated time period, thereby gating-off the status
indication.
•
During normal power-up sequencing and requested voltage changes, PGOOD state is not changed during an
800-µs gated time period. It typically remains active or asserted for normal conditions.
•
During an abnormal power-up sequencing and requested voltage changes, PGOOD status could change to
inactive or de-asserted after an 800-µs gated time period if any output voltage is outside of regulation range.
•
Using the gated mode of operation could allow the PGOOD signal to initiate an immediate power shutdown
sequence if the PGOOD signal is wired-OR with signal connected to EN input. This type of circuit
configuration provides a smart PORz function for processor that eliminates the need for additional
components to generate PORz upon start-up and to monitor voltage levels of key voltage domains.
The fault sets corresponding fault bit 1 in PG_FAULT register. The detected fault must be cleared to continue the
PGOOD monitoring. The overvoltage and thermal shutdown are cleared by writing 1 to the OVP_INT and
TDIE_SD_INT interrupt bits in INT_TOP_1 register. The regulator fault is cleared by writing 1 to the
corresponding register bit in PG_FAULT register. The interrupts can be also cleared with VANA UVLO by
toggling the input supply. An example of PGOOD pin operation in gated mode is shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com