Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 56Page - Texas Instruments LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments LP87332D Datasheet HTML 60Page - Texas Instruments LP87332D Datasheet HTML 61Page - Texas Instruments LP87332D Datasheet HTML 62Page - Texas Instruments LP87332D Datasheet HTML 63Page - Texas Instruments LP87332D Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D023
PFM
PWM
60
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Load = 1 A (PWM) and 0.1 A (PFM)
Figure 32. Buck Output Voltage vs Temperature
Slew-rate = 10 mV/µs
ILOAD = 0 A
VOUT = 1 V
Figure 33. Buck Start-Up With EN1, Forced PWM Mode
Slew-rate = 10 mV/µs
RLOAD = 1 Ω
VOUT = 1 V
Figure 34. Buck Start-Up with EN1, Forced PWM Mode
Slew-rate = 10 mV/µs
RLOAD = 1 Ω
VOUT = 1 V
Figure 35. Buck Shutdown With EN1, Forced PWM Mode
IOUT = 10 mA
Figure 36. Buck Output Voltage Ripple, PFM Mode
IOUT = 200 mA
Figure 37. Buck Output Voltage Ripple,
Forced PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com