Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 26Page - Texas Instruments LP87332D Datasheet HTML 27Page - Texas Instruments LP87332D Datasheet HTML 28Page - Texas Instruments LP87332D Datasheet HTML 29Page - Texas Instruments LP87332D Datasheet HTML 30Page - Texas Instruments LP87332D Datasheet HTML 31Page - Texas Instruments LP87332D Datasheet HTML 32Page - Texas Instruments LP87332D Datasheet HTML 33Page - Texas Instruments LP87332D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Time
Voltage
VOUTx
350mV
Time
Current
ILIMx
INT_BUCK(BUCKx_ILIM_INT)
20Ps
nINT
BUCK_STAT(BUCKx_STAT)
1
Resistive
pull-down
1
Regulator disabled
by digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1ms
0
1
0
0
INT_BUCK(BUCKx_SC_INT)
0
1
0
30
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 16. Buck Regulator Overload Situation
The LDO regulators include also current limit circuitry. If the load current is increased so that the current limit is
triggered, the regulator limits the output current to the threshold level. The voltage may decrease if the load
current is higher than the current limit. If the current regulation continues for 20 µs, the LP87332D device sets
the LDOx_ILIM_INT bit in INT_LDO register and pulls the nINT pin low. The host processor can read
LDOx_ILIM_STAT bits in LDO_STAT register to see if the regulator is still in current regulation mode and the
interrupt is cleared by writing 1 to LDOx_ILIM_INT bit. The current limit interrupt can be masked by setting
LDOx_ILIM_MASK bit in LDO_MASK register to 1. The LDO overload situation is shown in Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com