Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 1 Page - Texas Instruments

  LP87332D Datasheet HTML 1Page - Texas Instruments LP87332D Datasheet HTML 2Page - Texas Instruments LP87332D Datasheet HTML 3Page - Texas Instruments LP87332D Datasheet HTML 4Page - Texas Instruments LP87332D Datasheet HTML 5Page - Texas Instruments LP87332D Datasheet HTML 6Page - Texas Instruments LP87332D Datasheet HTML 7Page - Texas Instruments LP87332D Datasheet HTML 8Page - Texas Instruments LP87332D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Output Current (A)
0.001
0.01
0.1
1
3
50
60
70
80
90
100
D001
Vin=3.7V, Vout=1.0V
Vin=3.7V, Vout=1.8V
Vin=3.7V, Vout=2.5V
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
VOUT_B1
LOAD
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP87332D
SNVSAU6 – NOVEMBER 2017
LP87332D Dual High-Current Buck Converter and Dual Linear Regulator
1
1 Features
1
•
Device Operating Temperature Range: –40°C to
+125°C Ambient Temperature
•
Input Voltage: 2.8 V to 5.5 V
•
Two High-Efficiency Step-Down DC-DC
Converters:
–
Output Voltage: 0.7 V to 3.36 V
–
Maximum Output Current 3 A
–
Programmable Output-Voltage Slew Rate
From 0.5 mV/µs to 10 mV/µs
–
2-MHz Switching Frequency
–
Spread-Spectrum Mode and Phase
Interleaving for EMI Reduction
•
Two Linear Regulators:
–
Input Voltage: 2.5 V to 5.5 V
–
Output Voltage: 0.8 V to 3.3 V
–
Maximum Output Current 300 mA
•
Configurable General-Purpose Output Signals
(GPO, GPO2)
•
Interrupt Function With Programmable Masking
•
Programmable Power-Good Signal (PGOOD)
•
Output Short-Circuit and Overload Protection
•
Overtemperature Warning and Protection
•
Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)
•
28-pin, 5-mm × 5-mm VQFN Package with
Wettable Flanks
Simplified Schematic
2 Applications
Industrial Applications
3 Description
The LP87332D is designed to meet the power
management requirements of the latest processors
and platforms in industrial applications. The device
contains two step-down DC-DC converters and two
linear regulators and general-purpose digital-output
signals. The device is controlled by an I2C-compatible
serial interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
gives high efficiency over a wide output-current
range. The LP87332D supports remote voltage
sensing to compensate IR drop between the regulator
output and the point-of-load (POL) thus improving the
accuracy of the output voltage. In addition the
switching clock can be forced to PWM mode and also
synchronized to an external clock to minimize the
disturbances.
The
LP87332D
device
supports
load-current
measurement without the addition of external current-
sense resistors. The LP87332D device also supports
programmable start-up and shutdown delays and
sequences including GPO signals synchronized to
the enable signal. A second GPO signal is available
with pin multiplexing of CLKIN pin, if external clock is
not needed. During start-up and voltage change, the
device controls the output slew rate to minimize
output voltage overshoot and the in-rush current.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP87332D
VQFN (28)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DC-DC Efficiency vs Output Current


Similar Part No. - LP87332D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87332D-Q1 TI1-LP87332D-Q1 Datasheet
2Mb / 69P
LP87332D-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332DRHDRQ1 TI1-LP87332DRHDRQ1 Datasheet
2Mb / 69P
LP87332D-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP87332DRHDRQ1 TI1-LP87332DRHDRQ1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
More results

Similar Description - LP87332D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87332B-Q1 TI1-LP87332B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1_18 Datasheet
3Mb / 75P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1_18 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com