Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 52Page - Texas Instruments LP87332D Datasheet HTML 53Page - Texas Instruments LP87332D Datasheet HTML 54Page - Texas Instruments LP87332D Datasheet HTML 55Page - Texas Instruments LP87332D Datasheet HTML 56Page - Texas Instruments LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments LP87332D Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
VOUT_B1
LOAD
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
COUT_BUCK0
COUT_BUCK1
COUT_LDO1
COUT_LDO0
CIN_LDO1
CIN_LDO0
CIN_BUCK0
CIN_BUCK1
CANA
L0
L1
56
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP87332D is a power management unit including two step-down regulators, two linear regulators, and two
general-purpose digital output signals.
8.2 Typical Application
Figure 25. LP87332D Typical Application
8.2.1 Design Requirements
8.2.1.1 Inductor Selection
The inductors L0 and L1 are shown in the Typical Application. The inductance and DCR of the inductor affects the
control loop of the buck regulator. TI recommends using inductors similar to those listed in Table 8. Pay attention
to the saturation current and temperature rise current of the inductor. Check that the saturation current is higher
than the peak current limit and the temperature rise current is higher than the maximum expected rms output
current. Minimum effective inductance to ensure good performance is 0.22 μH at maximum peak output current
over the operating temperature range. DC resistance of the inductor must be less than 0.05 Ω for good efficiency
at high-current condition. The inductor AC loss also affects conversion efficiency. Higher Q factor at switching
frequency usually gives better efficiency at light load to middle load. Shielded inductors are preferred as they
radiate less noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com