Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 21Page - Texas Instruments LP87332D Datasheet HTML 22Page - Texas Instruments LP87332D Datasheet HTML 23Page - Texas Instruments LP87332D Datasheet HTML 24Page - Texas Instruments LP87332D Datasheet HTML 25Page - Texas Instruments LP87332D Datasheet HTML 26Page - Texas Instruments LP87332D Datasheet HTML 27Page - Texas Instruments LP87332D Datasheet HTML 28Page - Texas Instruments LP87332D Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
25
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
PGOOD_STAT bit is 1 when the PGOOD pin shows valid voltages. PGOOD_POL bit in PGOOD_CTRL_1 register affects only PGOOD
pin polarity, not Power Good and PGOOD_INT interrupt polarity.
(2)
Interrupt is generated during clock-detector operation and if clock is not available when clock detector is enabled.
Table 4. Summary of Interrupt Signals
EVENT
OUTCOME
INTERRUPT BIT
INTERRUPT MASK BIT
STATUS BIT
RECOVERY/INTERRUPT
CLEAR
Buck current limit triggered
No effect
BUCK_INT
BUCKx_ILIM_INT
BUCKx_ILIM_MASK
BUCKx_ILIM_STAT
Write 1 to BUCKx_ILIM_INT bit
Interrupt is not cleared if current
limit is active
LDO current limit triggered
No effect
LDO_INT
LDOx_ILIM_INT
LDOx_ILIM_MASK
LDOx_ILIM_STAT
Write 1 to LDOx_ILIM_INT bit
Interrupt is not cleared if current
limit is active
Buck short circuit (VVOUT < 0.35
V at 1 ms after enable) or
overload (VVOUT decreasing
below 0.35 V during operation,
1-ms debounce)
Regulator disable
BUCK_INT
BUCKx_SC_INT
N/A
N/A
Write 1 to BUCKx_SC_INT bit
LDO short circuit (VVOUT < 0.3
V at 1 ms after enable) or
overload (VVOUT decreasing
below 0.3 V during operation,
1-ms debounce)
Regulator disable
LDO_INT
LDOx_SC_INT
N/A
N/A
Write 1 to LDOx_SC_INT bit
Thermal sarning
No effect
TDIE_WARN_INT
TDIE_WARN_MASK
TDIE_WARN_STAT
Write 1 to TDIE_WARN_INT bit
Interrupt is not cleared if
temperature is above thermal
warning level
Thermal shutdown
All regulators disabled
immediately and GPO
and GPO2 are set to low
TDIE_SD_INT
N/A
TDIE_SD_STAT
Write 1 to TDIE_SD_INT bit
Interrupt is not cleared if
temperature is above thermal
shutdown level
VANA overvoltage (VANAOVP)
All regulators disabled
immediately and GPO
and GPO2 are set to low
OVP_INT
N/A
OVP_STAT
Write 1 to OVP_INT bit
Interrupt is not cleared if VANA
voltage is above VANAOVP level
Buck power good, output
voltage becomes valid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGR_MASK
BUCKx_PG_STAT
Write 1 to BUCKx_PG_INT bit
Buck power good, output
voltage becomes invalid
No effect
BUCK_INT
BUCKx_PG_INT
BUCKx_PGF_MASK
BUCKx_PG_STAT
Write 1 to BUCKx_PG_INT bit
LDO Power Good, output
voltage becomes valid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGR_MASK
LDOx_PG_STAT
Write 1 to LDOx_PG_INT bit
LDO power good, output
voltage becomes invalid
No effect
LDO_INT
LDOx_PG_INT
LDOx_PGF_MASK
LDOx_PG_STAT
Write 1 to LDOx_PG_INT bit
PGOOD pin changing from
active to inactive state
(1)
No effect
PGOOD_INT
PGOOD_MASK
PGOOD_STAT
Write 1 to PGOOD_INT bit
External clock appears or
disappears
No effect to regulators
SYNC_CLK_INT
(2)
SYNC_CLK_MASK
SYNC_CLK_STAT
Write 1 to SYNC_CLK_INT bit
Load current measurement
ready
No effect
I_MEAS_INT
I_MEAS_MASK
N/A
Write 1 to I_MEAS_INT bit
Supply voltage VANAUVLO
triggered (VANA falling)
Immediate shutdown,
registers reset to default
values
N/A
N/A
N/A
N/A
Supply voltage VANAUVLO
triggered (VANA rising)
Startup, registers reset to
default values and OTP
bits loaded
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to RESET_REG_INT bit
Software requested reset
Immediate shutdown
followed by power up,
registers reset to default
values
RESET_REG_INT
RESET_REG_MASK
N/A
Write 1 to RESET_REG_INT bit
7.3.8.1 Power-Good Information (PGOOD pin)
In addition to the interrupt-based indication of the current limit and the Power-Good level the LP87332D device
supports monitoring with PGOOD signal:
•
Regulator output voltage,
•
Input supply overvoltage,
•
Thermal warning and
•
Thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com