Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 33Page - Texas Instruments LP87332D Datasheet HTML 34Page - Texas Instruments LP87332D Datasheet HTML 35Page - Texas Instruments LP87332D Datasheet HTML 36Page - Texas Instruments LP87332D Datasheet HTML 37Page - Texas Instruments LP87332D Datasheet HTML 38Page - Texas Instruments LP87332D Datasheet HTML 39Page - Texas Instruments LP87332D Datasheet HTML 40Page - Texas Instruments LP87332D Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
R/W
Bit 0
0
Bit 1
0
Bit 2
0
Bit 3
0
Bit 4
0
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
ack from slave
start
MSB Chip Addr LSB
SCL
ack from slave
w
MSB Register Addr LSB
rs
r
MSB
Data
LSB
stop
ack from slave
nack from master
repeated start
data from slave
SDA
start
id =60h
w ack
address = 3Fh
ack
rs
r ack
address 3Fh data
nack
stop
MSB Chip Address LSB
id = 60h
37
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
When READ function is to be accomplished, a WRITE function must precede the READ function as shown above.
Figure 23. Read Cycle (r = read; SDA = 1). Example Device Address = 0x60
7.5.1.4 I2C-Compatible Chip Address
NOTE
The device address for the LP87332D is 0x60.
After the START condition, the I2C master sends the 7-bit address followed by an eighth bit, read or write (R/W).
R/W = 0 indicates a WRITE and R/W = 1 indicates a READ. The second byte following the device address
selects the register address to which the data is written. The third byte contains the data for the selected register.
Here in an example with device address of 1100000Bin = 60Hex.
Figure 24. Device Address Example
7.5.1.5 Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an 8-
bit word is sent to the LP87332D, the internal address index counter is incremented by one and the next register
is written. Table 6 shows writing sequence to two consecutive registers. Note that auto-increment feature does
not work for read.
Table 6. Auto-Increment Example
MASTER
ACTION
START
DEVICE
ADDRES
S = 0x60
WRITE
REGISTER
ADDRESS
DATA
DATA
STOP
LP87332
D
ACK
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com