Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 41Page - Texas Instruments LP87332D Datasheet HTML 42Page - Texas Instruments LP87332D Datasheet HTML 43Page - Texas Instruments LP87332D Datasheet HTML 44Page - Texas Instruments LP87332D Datasheet HTML 45Page - Texas Instruments LP87332D Datasheet HTML 46Page - Texas Instruments LP87332D Datasheet HTML 47Page - Texas Instruments LP87332D Datasheet HTML 48Page - Texas Instruments LP87332D Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
45
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
7:4
BUCK1_
SHUTDOWN_
DELAY[3:0]
R/W
0x2*
Shutdown delay of Buck1 from falling edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
3:0
BUCK1_
STARTUP_
DELAY[3:0]
R/W
0x4*
Startup delay of Buck1 from rising edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
7.6.1.15 LDO0_DELAY
Address: 0x0E
D7
D6
D5
D4
D3
D2
D1
D0
LDO0_SHUTDOWN_DELAY[3:0]
LDO0_STARTUP_DELAY[3:0]
Bits
Field
Type
Default
Description
7:4
LDO0_
SHUTDOWN_
DELAY[3:0]
R/W
0x0*
Shutdown delay of LDO0 from falling edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
3:0
LDO0_
STARTUP_
DELAY[3:0]
R/W
0x7*
Startup delay of LDO0 from rising edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
7.6.1.16 LDO1_DELAY
Address: 0x0F
D7
D6
D5
D4
D3
D2
D1
D0
LDO1_SHUTDOWN_DELAY[3:0]
LDO1_STARTUP_DELAY[3:0]
Bits
Field
Type
Default
Description
7:4
LDO1_
SHUTDOWN_
DELAY[3:0]
R/W
0x2*
Shutdown delay of LDO1 from falling edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
3:0
LDO1_
STARTUP_
DELAY[3:0]
R/W
0x5*
Startup delay of LDO1 from rising edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in CONFIG register)
7.6.1.17 GPO_DELAY
Address: 0x10
D7
D6
D5
D4
D3
D2
D1
D0
GPO_SHUTDOWN_DELAY[3:0]
GPO_STARTUP_DELAY[3:0]
Bits
Field
Type
Default
Description
7:4
GPO_
SHUTDOWN_
DELAY[3:0]
R/W
0x0*
Delay for GPO falling edge from falling edge of EN signal:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)
...
0xF - 7.5 ms (15 ms if SHUTDOWN_DELAY_SEL=1 in CONFIG register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com