Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 30Page - Texas Instruments LP87332D Datasheet HTML 31Page - Texas Instruments LP87332D Datasheet HTML 32Page - Texas Instruments LP87332D Datasheet HTML 33Page - Texas Instruments LP87332D Datasheet HTML 34Page - Texas Instruments LP87332D Datasheet HTML 35Page - Texas Instruments LP87332D Datasheet HTML 36Page - Texas Instruments LP87332D Datasheet HTML 37Page - Texas Instruments LP87332D Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
SHUTDOWN
STANDBY
ACTIVE
REGULATOR
ENABLED
READ
OTP
REG
RESET
I
2
C RESET
FROM ANY STATE
EXCEPT SHUTDOWN
REGULATOR(S)
DISABLED
V(VANA) < VANAUVLO
V(VANA) > VANAUVLO
34
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Modes of Operation
SHUTDOWN: The V(VANA) voltage is below VANAUVLO threshold level. All switch, reference, control, and bias
circuitry of the LP87332D device are turned off.
READ OTP: The main supply voltage V(VANA) is above VANAUVLO level. The regulators are disabled, and the
reference and bias circuitry of the LP87332D are enabled. The OTP bits are loaded to registers.
STANDBY: The main supply voltage V(VANA) is above VANAUVLO level. The regulators are disabled, and the
reference, control and bias circuitry of the LP87332D are enabled. All registers can be read or
written by the host processor via the system serial interface. The regulators can be enabled if
needed.
ACTIVE:
The main supply voltage V(VANA) is above VANAUVLO level. At least one regulator is enabled. All
registers can be read or written by the host processor via the system serial interface.
The operating modes and transitions between the modes are shown in Figure 18.
Figure 18. Device Operation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com