Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 8Page - Texas Instruments LP87332D Datasheet HTML 9Page - Texas Instruments LP87332D Datasheet HTML 10Page - Texas Instruments LP87332D Datasheet HTML 11Page - Texas Instruments LP87332D Datasheet HTML 12Page - Texas Instruments LP87332D Datasheet HTML 13Page - Texas Instruments LP87332D Datasheet HTML 14Page - Texas Instruments LP87332D Datasheet HTML 15Page - Texas Instruments LP87332D Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
12
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
I
2C Serial Bus Timing Parameters (continued)
These specifications are ensured by design. Unless otherwise noted, VIN_Bx = 3.7 V. See
(1) and Figure 1.
MIN
MAX
UNIT
tfDA
Fall time of SDA signal
Standard mode
300
ns
Fast mode
20 × (VDD / 5.5
V)
300
Fast mode+
20 × (VDD / 5.5
V)
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
30
160
trCL
Rise time of SCL signal
Standard mode
1000
ns
Fast mode
20
300
Fast mode+
120
High-speed mode, Cb = 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
trCL1
Rise time of SCL signal
after a repeated start
condition and after an
acknowledge bit
High-speed mode, Cb = 100 pF
10
80
ns
High-speed mode, Cb = 400 pF
20
160
tfCL
Fall time of a SCL signal
Standard mode
300
ns
Fast mode
20 × (VDD / 5.5
V)
300
Fast mode+
20 × (VDD / 5.5
V)
120
High-speed mode, Cb = 10 – 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
Cb
Capacitive load for each
bus line (SCL and SDA)
400
pF
tSP
Pulse width of spike
suppressed (SCL and
SDA spikes that are less
then the indicated width
are suppressed)
Standard mode, fast mode, and fast mode+
50
ns
High-speed mode
10
Figure 1. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com