| Electronic Components Datasheet Search |
|
ST25DV Datasheet(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV Datasheet(HTML) 108 Page - STMicroelectronics |
|
108 / 220 page ![]() RF operations ST25DV04K ST25DV16K ST25DV64K 108/220 DocID027603 Rev 4 7.6 RF Commands 7.6.1 RF command code list The ST25DVxxx supports the following legacy and extended RF command set: • Inventory, used to perform the anticollision sequence. • Stay Quiet, used to put the ST25DVxxx in quiet mode, where it does not respond to any inventory command. • Select, used to select the ST25DVxxx. After this command, the ST25DVxxx processes all Read/Write commands with Select_flag set. • Reset To Ready, used to put the ST25DVxxx in the ready state. • Read Single Block and Extended Read Single Block, used to output the 32 bit of the selected block and its locking status. • Write Single Block and Extended Write Single Block, used to write and verify the new content for an update of a 32 bit block, provided that it is not in a locked memory area. • Read Multiple Blocks and Extended Read Multiple Block, used to read the selected blocks in an unique area, and send back their value. • Write Multiple Blocks and Extended Write Multiple Block, used to write and verify the new content for an update of up to 4 blocks located in the same memory area, which was not previously locked for writing. • Write AFI, used to write the 8-bit value in the AFI register. • Lock AFI, used to lock the AFI register. • Write DSFID, used to write the 8-bit value in the DSFID register. • Lock DSFID, used to lock the DSFID register. • Get System information and Extended Get System Information, used to provide the system information value. • Get System information, used to provide the standard system information values. • Extended Get System Information, used to provide the extended system information values. • Write Password, used to update the 64 bit of the selected areas or configuration password, but only after presenting the current one. • Lock Block and Extended Lock block, used to write the CC file blocks security status bits (Protect the CC File content against writing). • Present Password, enables the user to present a password to open a security session. • Fast Read Single Block and Fast Extended Read Single Block, used to output the 32 bits of the selected block and its locking status at doubled data rate. • Fast Read Multiple Blocks and Fast Extended Read Multiple Blocks, used to read the selected blocks in a single area and send back their value at doubled data rate. • Read Message, used to output up to 256 byte of the Mailbox. • Read Message Length, used to output the Mailbox message length. • Fast Read Message, used to output up to 256 byte of the mailbox, at double data rate. • Write Message, used to write up to 256 byte in the Mailbox. • Fast Read Message Length, used to ouput the mailbox length, at double data rate. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |