Electronic Components Datasheet Search
  English  ▼

X  

ST25DV Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST25DV
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST25DV Datasheet HTML 107Page - STMicroelectronics ST25DV Datasheet HTML 108Page - STMicroelectronics ST25DV Datasheet HTML 109Page - STMicroelectronics ST25DV Datasheet HTML 110Page - STMicroelectronics ST25DV Datasheet HTML 111Page - STMicroelectronics ST25DV Datasheet HTML 112Page - STMicroelectronics ST25DV Datasheet HTML 113Page - STMicroelectronics ST25DV Datasheet HTML 114Page - STMicroelectronics ST25DV Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 220 page
background image
DocID027603 Rev 4
111/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
7.6.3
General Command Rules
In case of a valid command, the following paragraphs will describe the expected behavior
for each command.
But in case of an invalid command, in a general manner, the ST25DVxxx will behave as
follows:
1.
if flag usage is incorrect, the error code 03h will be issued only if the right UID is used in
the command, otherwise no response will be issued.
2.
error 02h will be issued if the custom command is used with the manufacturer code
different from the ST one
Another case is if I2C is busy. In this case, any RF command (except Inventory, Select, Stay
quiet and Reset to ready) will get 0Fh error code as response only:
a)
if select flag and address flags are not set at the same time (except if ST25DVxxx
is in quiet state)
b)
if select flag is set and ST25DVxxx is in selected state.
For all other commands, if I2C is busy, no response will be issued by ST25DVxxx.
7.6.4
Inventory
Upon receiving the Inventory request, the ST25DVxxx runs the anticollision sequence. The
Inventory_flag is set to 1. The meaning of flags 5 to 8 is shown in Table 59: Request flags 5
to 8 when inventory_flag, Bit 3 = 1.
The request contains:
•
the flags
•
the Inventory command code (001)
•
the AFI if the AFI flag is set
•
the mask length
•
the mask value if mask length is different from 0
•
the CRC
The ST25DVxxx does not generate any answer in case of error.
The response contains:
•
the flags
•
the Unique ID
Table 65. Inventory request format
Request
SOF
Request_flags Inventory
Optional
AFI
Mask
length
Mask
value
CRC16
Request
EOF
-
8 bits
01h
8 bits
8 bits
0 - 64 bits
16 bits
-
Table 66. Inventory response format
Response
SOF
Response_flags
DSFID
UID
CRC16
Response
EOF
-
8 bits
8 bits
64 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com