Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 97Page - Advanced Micro Devices CS5530A Datasheet HTML 98Page - Advanced Micro Devices CS5530A Datasheet HTML 99Page - Advanced Micro Devices CS5530A Datasheet HTML 100Page - Advanced Micro Devices CS5530A Datasheet HTML 101Page - Advanced Micro Devices CS5530A Datasheet HTML 102Page - Advanced Micro Devices CS5530A Datasheet HTML 103Page - Advanced Micro Devices CS5530A Datasheet HTML 104Page - Advanced Micro Devices CS5530A Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
101
PC/AT Compatibility Logic
Revision 1.1
Of the 16 IRQs, four are mapped as shown in Table 4-43,
leaving 12 external interrupts. The two controllers are cas-
caded through IRQ2. The internal 8254 PIT connects to
IRQ0. The real-time clock interface chip (see Figure 4-18
"External RTC Interface" on page 109) and the external
coprocessor interface (see Figure 4-1 "Processor Signal
Connections" on page 48) connect to IRQ8# and IRQ13
respectively.
The CS5530A allows the PCI interrupt signals INTA#-
INTD# (also known in industry terms as PIRQx#) to be
routed internally to any IRQ signal. The routing can be
modified through the CS5530A’s configuration registers. If
this is done, the IRQ input must be configured to be level-
rather than edge-sensitive. IRQ inputs may be individually
programmed to be active low, level-sensitive with the Inter-
rupt Sensitivity configuration registers at I/O address space
4D0h and 4D1h. PCI interrupt configuration is discussed in
further detail in Section 4.5.4.4 "PCI Compatible Interrupts"
on page 103.
PIC Interrupt Sequence
A typical AT-compatible interrupt sequence is as follows.
Any unmasked interrupt generates the INTR signal to the
CPU. The interrupt controller then responds to the interrupt
acknowledge (INTA) cycles from the CPU. On the first INTA
cycle the cascading priority is resolved to determine which
of the two 8259 controllers output the interrupt vector onto
the data bus. On the second INTA cycle the appropriate
8259 controller drives the data bus with the correct inter-
rupt vector for the highest priority interrupt.
By default, the CS5530A responds to PCI INTA cycles
because the system interrupt controller is located within the
CS5530A. This may be disabled with F0 Index 40h[7] (see
Table 4-44). When the CS5530A responds to a PCI INTA
cycle, it holds the PCI bus and internally generates the two
INTA cycles to obtain the correct interrupt vector. It then
asserts TRDY# and returns the interrupt vector.
PIC I/O Registers
Each PIC contains registers located in the standard I/O
address locations, as shown in Table 5-30 "Programmable
Interrupt Controller Registers" on page 220.
An initialization sequence must be followed to program the
interrupt controllers. The sequence is started by writing Ini-
tialization Command Word 1 (ICW1). After ICW1 has been
written, the controller expects the next writes to follow in
the sequence ICW2, ICW3, and ICW4 if it is needed. The
Operation Control Words (OCW) can be written after initial-
ization. The PIC must be programmed before operation
begins.
Since the controllers are operating in cascade mode, ICW3
of the master controller should be programmed with a
value indicating that IRQ2 input of the master interrupt con-
troller is connected to the slave interrupt controller rather
than an I/O device as part of the system initialization code.
In addition, ICW3 of the slave interrupt controller should be
programmed with the value 02h (slave ID) and corresponds
to the input on the master controller.
Table 4-43. PIC Interrupt Mapping
Master IRQ#
Mapping
IRQ0
Connected to the OUT0 (system timer) of
the internal 8254 PIT.
IRQ2
Connected to the slave’s INTR for a
cascaded configuration.
IRQ8#
Connected to external real-time clock.
IRQ13
Connected to the coprocessor interface.
IRQ[15:14, 12:9,
7:3, 1]
External interrupts.
Table 4-44. PCI INTA Cycle Disable/Enable Bit
Bit
Description
F0 Index 40h
PCI Function Control Register 1 (R/W)
Reset Value = 89h
7
PCI Interrupt Acknowledge Cycle Response: Allow the CS5530A responds to PCI interrupt acknowledge cycles.
0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com