Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 98Page - Advanced Micro Devices CS5530A Datasheet HTML 99Page - Advanced Micro Devices CS5530A Datasheet HTML 100Page - Advanced Micro Devices CS5530A Datasheet HTML 101Page - Advanced Micro Devices CS5530A Datasheet HTML 102Page - Advanced Micro Devices CS5530A Datasheet HTML 103Page - Advanced Micro Devices CS5530A Datasheet HTML 104Page - Advanced Micro Devices CS5530A Datasheet HTML 105Page - Advanced Micro Devices CS5530A Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 259 page
background image
102
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
PIC Shadow Register
The PIC registers are shadowed to allow for Save-to-Disk/
RAM to save/restore the PIC state by reading the PIC’s
write-only registers. A write to this register resets the read
sequence to the first register. The read sequence for the
shadow register is listed in F0 Index B9h (Table 4-45).
Table 4-45. PIC Shadow Register
Bit
Description
F0 Index B9h
PIC Shadow Register (RO)
Reset Value = xxh
7:0
PIC Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interrupt Con-
troller registers. At power on, a pointer starts at the first register in the list and consecutively reads incrementally through it.
A write to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last
data written to that location.
The read sequence for this register is:
1. PIC1 ICW1
2. PIC1 ICW2
3. PIC1 ICW3
4. PIC1 ICW4 - Bits [7:5] of ICW4 are always 0
5. PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
6. PIC1 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
7. PIC2 ICW1
8. PIC2 ICW2
9. PIC2 ICW3
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
12. PIC2 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
Note: To restore OCW2 to shadow register value, write the appropriate address twice. First with the shadow register value,
then with the shadow register value ORed with C0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com