Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 102Page - Advanced Micro Devices CS5530A Datasheet HTML 103Page - Advanced Micro Devices CS5530A Datasheet HTML 104Page - Advanced Micro Devices CS5530A Datasheet HTML 105Page - Advanced Micro Devices CS5530A Datasheet HTML 106Page - Advanced Micro Devices CS5530A Datasheet HTML 107Page - Advanced Micro Devices CS5530A Datasheet HTML 108Page - Advanced Micro Devices CS5530A Datasheet HTML 109Page - Advanced Micro Devices CS5530A Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 259 page
background image
106
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
4.5.5.1
I/O Port 092h System Control
I/O Port 092h allows for a fast keyboard assertion of an
A20# SMI and a fast keyboard CPU reset. Decoding for this
register may be disabled via F0 Index 52h[3] (Table 4-49).
The assertion of a fast keyboard A20# SMI is controlled by
either I/O Port 092h or by monitoring for the keyboard com-
mand sequence (see Section 4.5.6.1 "Fast Keyboard Gate
Address 20 and CPU Reset" on page 108). If bit 1 of I/O
Port 092h is cleared, the CS5530A internally asserts an
A20M# SMI, which in turn causes an SMI to the processor.
If bit 1 is set, A20M# SMI is internally deasserted again
causing an SMI.
The assertion of a fast keyboard reset (WM_RST SMI) is
controlled by bit 0 in I/O Port 092h or by monitoring for the
keyboard command sequence. If bit 0 is changed from a 0
to a 1, the CS5530A generates a reset to the processor by
generating a WM_RST SMI. When the WM_RST SMI
occurs, the BIOS jumps to the Warm Reset vector. This bit
remains set until the CS5530A is externally reset, or this bit
is cleared by program control. Note that Warm Reset is not
a pin; it is under SMI control.
4.5.5.2
I/O Port 061h System Control
Through I/O Port 061h, the speaker output can be enabled,
NMI from IOCHK# or SERR# can be enabled, the status of
IOCHK# and SERR# can be read, and the state of the
speaker data (Timer2 output) and refresh toggle (Timer1
output) can be read back. Note that NMI is under SMI con-
trol. Even though the hardware is present, the IOCHK# pin
does not exist so an NMI from IOCHK# can not happen.
4.5.5.3
SMI Generation for NMI
Figure 4-17 shows how the CS5530A can generate an SMI
for an NMI. Note that NMI is not a pin.
Figure 4-17. SMI Generation for NMI
Table 4-49. I/O Port 092h Decode Enable Bit
Bit
Description
F0 Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
3
Enable I/O Port 092h Decode (Port A): I/O Port 092h decode and the logical functions. 0 = Disable; 1 = Enable.
PERR#
IOCHK#
F0 Index 04h[6]
SERR#
F0 Index 04h[8]
F0 Index 41h[5]
I/O Port 061h[2]
I/O Port 061h[3]
I/O Port 070h[7]
Parity Errors
AND
System Errors
NMI
NMI
SMI
F0 Index 04h: PCI Command Register
Bit 6 = PE (Parity Error Enable)
Bit 8 = SERR# (SERR# Enable)
F0 Index 41h: PCI Function Control Register 2
Bit 5 = PES (PERR# Signals SERR#)
I/O Port 061h: Port B
Bit 2 = ERR_EN (PERR#/SERR# enable)
Bit 3 = IOCHK_EN (IOCHK Enable)
I/O Port 070h: RTC Index Register (WO)
Bit 7 = NMI (NMI Enable)
AND
AND
AND
AND
OR
AND
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com