Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 141 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 141 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 137Page - Advanced Micro Devices CS5530A Datasheet HTML 138Page - Advanced Micro Devices CS5530A Datasheet HTML 139Page - Advanced Micro Devices CS5530A Datasheet HTML 140Page - Advanced Micro Devices CS5530A Datasheet HTML 141Page - Advanced Micro Devices CS5530A Datasheet HTML 142Page - Advanced Micro Devices CS5530A Datasheet HTML 143Page - Advanced Micro Devices CS5530A Datasheet HTML 144Page - Advanced Micro Devices CS5530A Datasheet HTML 145Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
141
Universal Serial Bus Support
Revision 1.1
4.9.2
USB Host Controller
In the USB core is the operational control block. It is
responsible for the host controller's operational states
(Suspend, Disable, Enable), special USB signals (Reset,
Resume), status, interrupt control, and host controller con-
figuration.
The host controller interface registers are memory mapped
registers, mapped by USB F0 Index 10h (Base Address
Register). These memory mapped registers are summa-
rized in Table 4-78. For bit definitions, refer to Table 5-26
"USB BAR+Memory Offset xxh: USB Controller Registers"
on page 208.
4.9.3
USB Power Management
At this time, USB supports minimal system level power
management features. The only power management fea-
ture implemented is the disabling of the USB clock genera-
tor in USB Suspend state. Additional power management
features require slight modifications.
The design supports PCICLK frequencies from 0 to 33
MHz. Synchronization between the PCI and USB clock
domains is frequency independent. Remote wakeup of
USB is asynchronously implemented from the USB Ports
to PCI INTA#.
The design needs USBCLK to be operational at all times. If
it is necessary to stop the 48 MHz clock, the system design
requires that the signal used to enable/disable the USB
clock generators is also used to wake the 48 MHz clock
source. Currently, the RemoteWakeupConnected and
RemoteWakeupEnable bits in the HcControl register are
not implemented.
Table 4-78. USB Controller Registers
USB BAR+
Memory
Offset
Type
Name
00h-03h
R/W
HcRevision
04h-07h
R/W
HcControl
08h-0Bh
R/W
HcCommandStatus
0Ch-0Fh
R/W
HcInterruptStatus
10h-13h
R/W
HcInterruptEnable
14h-17h
R/W
HcInterruptDisable
18h-1Bh
R/W
HcHCCA
1Ch-1Fh
R/W
HcPeriodCurrentED
20h-23h
R/W
HcControlHeadED
24h-27h
R/W
HcControlCurrentED
28h-2Bh
R/W
HcBulkHeadED
2Ch-2Fh
R/W
HcBulkCurrentED
30h-33h
R/W
HcDoneHead
34h-37h
R/W
HcFmInterval
38h-3Bh
RO
HcFrameRemaining
3Ch-3Fh
RO
HcFmNumber
40h-43h
R/W
HcPeriodicStart
44h-47h
R/W
HcLSThreshold
48h-4Bh
R/W
HcRhDescriptorA
4Ch-4Fh
R/W
HcRhDescriptorB
50h-53h
R/W
HcRhStatus
54h-57h
R/W
HcRhPortStatus[1]
58h-5Bh
R/W
HcRhPortStatus[2]
5Ch-5Fh
--
Reserved
60h-9Fh
--
Reserved
100h-103h
R/W
HceControl
104h-107h
R/W
HceInput
108h-10Dh
R/W
HceOutput
10Ch-10Fh
R/W
HceStatus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com