Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 10 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation MON35W42 Datasheet HTML 10Page - SMSC Corporation MON35W42 Datasheet HTML 11Page - SMSC Corporation MON35W42 Datasheet HTML 12Page - SMSC Corporation MON35W42 Datasheet HTML 13Page - SMSC Corporation MON35W42 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
FIGURE 1 – ISA INTERFACE ACCESS
I
2C Interface
The second interface uses the I
2C Serial Bus.
The
MON35W42
uses
three
serial
bus
addresses. The first address defined at CR[48h]
can read/write all registers excluding Bank 1 and
Bank 2 temperature sensor 2/3 registers. The
second address defined at CR[4Ah] bit2-0 can
only be used to read/write temperature sensor 2
registers, and the third address defined at
Data
Register
Port 6h
Port 5h
Index
Register
ISA
Data
Bus
ISA
Address
Bus
Configuration Register
40h
nSMI Status/Mask Registers
41h, 42h, 44h, 45h
VID<3:0>/Fan Divisor Register
47h
Serial Bus Address
48h
Monitor Value Registers
20h~3Fh
and
60h~7Fh (auto-increment)
VID<4>/Device ID
49h
Temperature 2, 3 Serial
Bus Address
4Ah
Control Register
4Bh~4Dh
Select Bank for 50h~5Fh Reg.
4Eh
Winbond Vendor ID
4Fh
BANK 0
R-T Table Value
BEEP Control Register
Winbond Test Register
50h~58h
BANK 1
Temperature 2 Control/Staus
Registers
50h~56h
BANK 2
Temperature 3 Control/Staus
Registers
50h~56h
BANK 4
Additional Control/Staus
Registers
50h~5Ch
BANK 5
Additional Limit Value &
Value RAM
50h~57h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com