Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 25 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation MON35W42 Datasheet HTML 23Page - SMSC Corporation MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation MON35W42 Datasheet HTML 26Page - SMSC Corporation MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
25
REGISTERS AND RAM
Address Register (Port x5h)
Data Port:
Port x5h
Power on Default Value
00h
Attribute:
Bit 6:0 Read/write , Bit 7: Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
Data
Bit7: Read Only
The logical 1 indicates the device is busy due to a Serial Bus transaction or another ISA bus
transaction. By checking this bit, multiple ISA drivers can use the MON35W42 without interfering
with
each other or a Serial Bus driver. It is the user's responsibility not to have a Serial Bus and ISA bus
operations at the same time.
This bit is:
Set: with a write to Port x5h or when a Serial Bus transaction is in progress.
Reset: with a write or read from Port x6h if it is set by a write to Port x5h, or when the Serial Bus
transaction is finished.
Bit 6-0: Read/Write
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Busy
Address Pointer (Power On default 00h)
(Power On default 0)
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com