Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 11 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation MON35W42 Datasheet HTML 10Page - SMSC Corporation MON35W42 Datasheet HTML 11Page - SMSC Corporation MON35W42 Datasheet HTML 12Page - SMSC Corporation MON35W42 Datasheet HTML 13Page - SMSC Corporation MON35W42 Datasheet HTML 14Page - SMSC Corporation MON35W42 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11
CR[4Ah] bit6-4 can only be used to access
(read/write) temperature sensor 3 registers.
The
first
serial
bus
address,
CR[48h],
uses 3 hardware setting bits. When pin 43 is set
high, pins 47-45 are used to set the I
2C address
for register CR[48h]. The selected address is
00101[pin45][pin46][pin47]. If pin45=1, pin46=1,
pin47=0, the content of CR[48h] is 00101110.
CR[4Ah] is used to set the other two I
2C
addresses.
If CR[4Ah] bit 2-0 is XXX , the
temperature
sensor
2
serial
address
is
1001XXXG, in which G is the read/write bit. If
CR[4Ah] bit 6-4 is YYY , the temperature sensor
3 serial address is 1001YYYG, in which G is the
read/write bit.
The first serial bus access timing are shown
as follows:
(a) Serial bus write to internal address register followed by the data byte
FIGURE 2 – SERIAL BUS WRITE TO INTERNAL ADDRESS REGISTER
FOLLOWED BY THE DATA BYTE
0
Start By
Master
0
1
0
1
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
R/nW
Ack
by
MON35W42
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
Stop
by
Master
SCL
SDA (Continued)
78
0
7
8
0
78
Frame 2
Internal Index Register Byte
(Continued)
Frame 3
Data Byte
Frame 1
Serial Bus Address Byte
MON35W42
MON35W42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com