Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 55 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 51Page - SMSC Corporation MON35W42 Datasheet HTML 52Page - SMSC Corporation MON35W42 Datasheet HTML 53Page - SMSC Corporation MON35W42 Datasheet HTML 54Page - SMSC Corporation MON35W42 Datasheet HTML 55Page - SMSC Corporation MON35W42 Datasheet HTML 56Page - SMSC Corporation MON35W42 Datasheet HTML 57Page - SMSC Corporation MON35W42 Datasheet HTML 58Page - SMSC Corporation MON35W42 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
55
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Input High Voltage
VIH
2.0
V
Input High Leakage
ILIH
+10
&A
VIN = VDD
Input Low Leakage
ILIL
-10
&A
VIN = 0 V
INts
- TTL level Schmitt-triggered input pin
Input Low Threshold
Voltage
Vt-
0.5
0.8
1.1
V
VDD = 5 V
Input High Threshold
Voltage
Vt+
1.6
2.0
2.4
V
VDD = 5 V
Hysteresis
VTH
0.5
1.2
V
VDD = 5 V
Input High Leakage
ILIH
+10
&A
VIN = VDD
Input Low Leakage
ILIL
-10
&A
VIN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com