Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 34 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation MON35W42 Datasheet HTML 37Page - SMSC Corporation MON35W42 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
<3:2> = 00 - Pin 3 (CLKIN) select 14.318MHz clock.
<3:2> = 01 - Default. Pin 3 (CLKIN) select 24MHz clock.
<3:2> = 10 - Pin 3 (CLKIN) select 48MHz clock .
<3:2> = 11 - Reserved. Pin 3 no clock input.
Bit 1-0: Reserved. User defined.
nIRQ/nOVT Property Select -- Index 4Ch
Register Location:
4Ch
Power on Default Value
<7:0> --0000,0001. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
Reserved
Reserved
OVTPOL
DIS_OVT1
DIS_OVT2
Reserved
T23_INTMode
Reserved
Bit 7: Reserved. User Defined.
Bit6: Set to 1, the nSMI output type of Temperature 2 and 3 is set to Comparator Interrupt mode. Set
to 0, the nSMI output type is set to Two-Times Interrupt mode. (default 0)
Bit5: Reserved. User Defined.
Bit 4: Disable temperature sensor 3 over-temperature (OVT) output if set to 1. Default 0, enable OVT2
output through pin nOVT.
Bit 3: Disable temperature sensor 2 over-temperature (OVT) output if set to 1. Default 0, enable
OVT1 output through pin nOVT.
Bit 2: Over-temperature polarity. If this bit is 1, nOVT active high. If this bit is 0, nOVT active low.
Default 0.
Bit 1: Reserved. User Defined.
Bit 0: Reserved. User Defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com