Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 57 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 52Page - SMSC Corporation MON35W42 Datasheet HTML 53Page - SMSC Corporation MON35W42 Datasheet HTML 54Page - SMSC Corporation MON35W42 Datasheet HTML 55Page - SMSC Corporation MON35W42 Datasheet HTML 56Page - SMSC Corporation MON35W42 Datasheet HTML 57Page - SMSC Corporation MON35W42 Datasheet HTML 58Page - SMSC Corporation MON35W42 Datasheet HTML 59Page - SMSC Corporation MON35W42 Datasheet HTML 60Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
57
ISA Read/Write Timing
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Valid Address to Read Active
t
-
AR
10
nS
Valid Address to Write Active
tAW
10
nS
Data Hold
tDH
5
nS
Data Setup
tDS
80
nS
Address Hold from Inactive Read
tRA
40
nS
Read Cycle Update
tRCU
200
nS
Read Strobe Width
tRD
120
nS
Read Data Hold
tRDH
40
nS
Read Strobe to Clear IRQ
tRI
60
nS
Active Read to Valid Data
tRVD
115
nS
Address Hold from Inactive Write
tWA
5
nS
Write Cycle Update
tWCU
80
nS
Write Strobe to Clear IRQ
tWI
60
nS
Write Strobe Width
tWR
120
nS
Read Cycle = tAR + tRD+tRCV
RC
210
nS
Write Cycle = tAW+tWR - tWCV
WC
210
nS
Serial Bus Timing Diagram
VALID DATA
SCL
SDA IN
SDA OUT
t HD;SDA
t
SCL
t
HD;DAT
t
SU;STO
t
SU;DAT
Serial Bus Timing Diagram
Serial Bus Timing
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
SCL clock period
t
-
SCL
10
uS
Start condition hold time
tHD;SDA
4.7
uS
Stop condition setup-up time
tSU;STO
4.7
uS
DATA to SCL setup time
tSU;DAT
120
nS
DATA to SCL hold time
tHD;DAT
5
nS
SCL and SDA rise time
tR
1.0
uS
SCL and SDA fall time
tF
300
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com