Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 41 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 37Page - SMSC Corporation MON35W42 Datasheet HTML 38Page - SMSC Corporation MON35W42 Datasheet HTML 39Page - SMSC Corporation MON35W42 Datasheet HTML 40Page - SMSC Corporation MON35W42 Datasheet HTML 41Page - SMSC Corporation MON35W42 Datasheet HTML 42Page - SMSC Corporation MON35W42 Datasheet HTML 43Page - SMSC Corporation MON35W42 Datasheet HTML 44Page - SMSC Corporation MON35W42 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
41
PWMOUT1/2 Clock Select -- Index 5Ch (Bank 0)
Register Location:
5Ch
Power on Default Value
<7:0> 0001-0001. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
PWM2CLKSEL
PWM2CLKSEL
PWM2CLKSEL
EN_FANPWM2
PWM1CLKSEL
PWM1CLKSEL
PWM1CLKSEL
Reserved
Bit 7: Reserved
Bit 6-4: PWMOUT1 clock selection.
The clock frequency definition is the same as PWMOUT2 clock selection.
Bit 3: Set to 1. Enable PWMOUT2 PWM Control
Bit 2-0: PWMOUT2 clock Selection.
<2:0> = 000: 46.87KHz
<2:0> = 001: 23.43KHz (Default)
<2:0> = 010: 11.72KHz
<2:0> = 011: 5.85KHz
<2:0> = 100: 2.93KHz
VBAT Monitor Control Register -- Index 5Dh (Bank 0)
Register Location:
5Dh
Power on Default Value
<7:0> 0000-0000. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
EN_VBAT_MNT
DIODES1
DIODES2
DIODES3
Reserv ed
FANDIV1_B2
FANDIV2_B2
FANDIV3_B2
Bit 7: Fan3 divisor Bit 2.
Bit 6: Fan2 divisor Bit 2.
Bit 5: Fan1 divisor Bit 2.
Bit 4: Reserved.
Bit 3: Temperature sensor 3 select into thermal diode such as Pentium II CPU supported. Set to 1,
select bipolar sensor. Set to 0, select thermistor sensor.
Bit 2: Sensor 2 type selection. Defined as DIODES3 described in the bit 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com