Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 42 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 38Page - SMSC Corporation MON35W42 Datasheet HTML 39Page - SMSC Corporation MON35W42 Datasheet HTML 40Page - SMSC Corporation MON35W42 Datasheet HTML 41Page - SMSC Corporation MON35W42 Datasheet HTML 42Page - SMSC Corporation MON35W42 Datasheet HTML 43Page - SMSC Corporation MON35W42 Datasheet HTML 44Page - SMSC Corporation MON35W42 Datasheet HTML 45Page - SMSC Corporation MON35W42 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
Bit 1: Sensor 1 type selection. Defined as DIODES2 described in the bit 3.Bit 0: Set
to
1,
enable
battery voltage monitor. Set to 0, disable battery voltage monitor. If enabled, the monitor value is
after one monitor cycle. Note that the monitor cycle time is at least 300ms for MON35W42.
FAN DIVISOR TABLE
Bit 2
Bit 1
Bit 0
Fan Divisor
Bit 2
Bit 1
Bit 0
Fan Divisor
0
0
0
1
1
0
0
16
0
0
1
2
1
0
1
32
0
1
0
4
1
1
0
64
0
1
1
8
1
1
1
128
PWMOUT3 Control -- Index 5Eh (Bank 0)
Register Location:
5Eh
Power on Default Value
<7:0> 1111-1111. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
PWM3_DUTY
Bit 7: PWMOUT3 duty cycle control
If this is FF, Duty cycle is 100%,
If this is 00, Duty cycle is 0%.
PWMOUT4 Control -- Index 5Fh (Bank 0)
Register Location:
5Fh
Power on Default Value
<7:0> 1111-1111. Reset by MR.
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
PWM4_DUTY
Bit 7: PWMOUT4 duty cycle control
If this is FF, Duty cycle is 100%,
If this is 00, Duty cycle is 0%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com