Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 32 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
ADDRESS A6-A0
ADDRESS A6-A0 WITH
AUTO-INCREMENT
DESCRIPTION
33h
73h
+12VIN High Limit
34h
74h
+12VIN Low Limit
35h
75h
-12VIN High Limit
36h
76h
-12VIN Low Limit
37h
77h
-5VIN High Limit
38h
78h
-5VIN Low Limit
39h
79h
Temperature sensor 1 (VTIN1) High Limit
3Ah
7Ah
Temperature sensor 1 (VTIN1) Hysteresis Limit
3Bh
7Bh
FAN1 Fan Count Limit
Note: It is the number of counts of the internal
clock for the Low Limit of the fan speed.
3Ch
7Ch
FAN2 Fan Count Limit
Note: It is the number of counts of the internal
clock for the Low Limit of the fan speed.
3Dh
7Dh
FAN3 Fan Count Limit
Note: It is the number of counts of the internal
clock for the Low Limit of the fan speed.
3E- 3Fh
7E- 7Fh
Reserved
Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means
interrupts will never be generated except the case when voltages go below the low limits.
Voltage ID (VID4) & Device ID -- Index 49h
Register Location:
49h
Power on Default Value
<7:1> is 000,0001b
<0> is mapped to VID <4>
Size:
8 bits
7
6
5
4
3
2
1
0
DID<6:0>
VID4
Bit 7-1: Read Only - Device ID<6:0>
Bit 0 : Read/Write - The VID4 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com