Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 17 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 13Page - SMSC Corporation MON35W42 Datasheet HTML 14Page - SMSC Corporation MON35W42 Datasheet HTML 15Page - SMSC Corporation MON35W42 Datasheet HTML 16Page - SMSC Corporation MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
17
Monitor over 4.096V voltage:
The input voltage +12VIN can be expressed using the following equation.
12
1
2
12
VINV
R
RR
'(
)
The value of R1 and R2 can be selected as 28K Ohms and 10K Ohms, respectively, when the input
voltage V1 is 12V. The node voltage of +12VIN will be subject to less than 4.096V for the maximum
input range of the 8-bit ADC. Similarly, the node voltage of 5VSB (measured standby power VSB for
ATX power supply) also can be monitored by using two series resistors R3 and R4 which can be 5.1K
ohms and 7.5K ohms so as to obtain the 5VSB as limited to less than 4.096V. Pin 33 is connected to
the power supply VCC at +5V. This pin supports two functions. The first function is to supply internal
analog power in the MON35W42 and the second function is to monitor the 5V input through internal
series resistors. The values of the two series resistors are 34K ohms and 50K ohms so that input
voltage to ADC is 2.98V which is less than 4.096V of the ADC maximum input voltage. The voltage
equation can be represent as follows.
VVCC
K
KK
V
in '(
)
*
50
50
34
298
+
++
.
where VCC is set to 5V.
Monitor negative voltage:
The negative voltage should be connected to series resistors and a positive voltage VREF (equal to
3.6V). In Figure 11, the voltage V3 and V4 are two negative voltages, -12V and -5V respectively. The
voltage V3 is connected to two series resistors and is then connected to VREF which is a positive
voltage. The voltage at node N12VIN must be a positive voltage and will if the values of the two series
resistors are carefully selected. If the value of two series resistors are R5=232K ohms and R6=56K
ohm. The input voltage of node N12VIN can be calculated by the following equation.
NVIN
VREF
V
K
KK
V
12
232
232
56
55
')
(
)
)
() (
)
+
++
where VREF is equal 3.6V.
If V5 is equal to -12V then the voltage is equal to 0.567V and the converted hexdecimal data is set to
35h by the 8-bit ADC with 16mV-LSB. This monitored value should be converted to the real negative
voltage and the voltage is calculated by the following equation.
V
NVIN
VREF
5
12
1
'
,(
,
-
-
Where
- is 232K/(232K+56K). If the N2VIN is 0.567 then the V5 is approximately equal to -12V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com