Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 27 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 23Page - SMSC Corporation MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation MON35W42 Datasheet HTML 26Page - SMSC Corporation MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
27
Configuration Register
!
!
!
! Index 40h
Register Location:
40h
Power on Default Value
00000001 binary
Attribute:
Read/write
Size:
8 bits
Bit 7: A one restores power-on default values to all registers except the Serial Bus Address register.
This bit clears itself since the power on default is zero.
Bit 6: A logical 1 in this bit drives a zero on BEEP/nGPO pin.
Bit 5: Reserved
Bit 4: Reserved
Bit 3: A one disables the nSMI output without affecting the contents of Interrupt Status Registers. The
device will stop monitoring. It will resume monitoring upon the clearing of this bit.
Bit 2: Reserved
Bit 1: A one enables the nSMI Interrupt output.
Bit 0: A one enables startup of monitoring operations, a zero puts the part in standby mode.
Note: The outputs of Interrupt pins will not be cleared if the user writes a zero to this location after an
interrupt has occurred unlike "INT_Clear'' bit.
7
6
5
4
3
2
1
0
START
nSMIEnable
RESERVED
INT_Clear
RESERVED
RESERVED
BEEP/nGPO
INITIALIZATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com