Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 24 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation MON35W42 Datasheet HTML 23Page - SMSC Corporation MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation MON35W42 Datasheet HTML 26Page - SMSC Corporation MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
Temperature sensors 2 and 3 Over-Temperature (nOVT)
Temperature sensors 2 and 3 Over-Temparature (nOVT) have two modes of operation.
They are
programmed at Bank1 and Bank2 CR[52h] bit1 . These two bits needs to be programmed to the same
value.
(1) Comparator Mode :
Temperatures exceeding TO cause the nOVT output to go active until the temperature is less than
THYST. (Figure 17)
(2) Interrupt Mode:
Temperatures exceeding TO causes the nOVT output to go active indefinitely until reset by reading
temperature sensor 2 or sensor 3 registers. If the temperature exceeds TO, and then nOVT is reset,
and then the temperature going below THYST causes the nOVT to go active until reset by reading
temperature sensor2 or sensor 3 registers. Once the nOVT is activated by exceeding TO, then reset, if
the temperature remains above THYST, the nOVT is not be activated again. (Figure 17).
FIGURE 17 – OVER TEMPERATURE RESPONSE DIAGRAM
*Interrupt Reset when Interrupt Status Registers are read
TOI
THYST
nSMI
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com