Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 33 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation MON35W42 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
33
Temperature 2 and Temperature 3 Serial Bus Address Register--Index 4Ah
Register Location:
4Ah
Power on Default Value
<7:0> = 0000,0001 binary. Reset by MR
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
I2CADDR2
I2CADDR2
I2CADDR2
DIS_T2
I2CADDR3
I2CADDR3
I2CADDR3
DIS_T3
Bit 7: Set to 1, disable temperature sensor 3 and can not access any data from Temperature Sensor 3.
Bit 6-4:
Temperature 3 Serial Bus Address. The serial bus address is 1001xxx. Where xxx are defined in
these bits.
Bit 3:
Set to 1, disable temperature Sensor 2 and can not access any data from Temperature Sensor 2.
Bit 2-0:
Temperature 2 Serial Bus Address. The serial bus address is 1001xxx. Where xxx are defined in
these bits.
Pin Control Register -- Index4Bh
Register Location:
4Bh
Power on Default Value
<7:0> 44h. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
Reserved
Reserved
CLKINSEL
CLKINSEL
ADCOVSEL
ADCOVSEL
FAN3DIV_B0
FAN3DIV_B1
Bit 7-6:Fan3 speed divisor.
Please refer to Bank0 CR[5Dh] , Fan divisor table.
Bit 5-4: Select A/D Converter Clock Input.
<5:4> = 00 - default. ADC clock select 22.5 kHz.
<5:4> = 01- ADC clock select 5.6 kHz. (22.5K/4)
<5:4> = 10 - ADC clock select 1.4kHz. (22.5K/16)
<5:4> = 11 - ADC clock select 0.35 kHz. (22.5K/64)
Bit 3-2: Clock Input Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com