Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 31 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
31
Serial Bus Address Register
!
!
!
! Index 48h
Register Location:
48h
Power on Default Value
Serial Bus address
<6:0> = 0101101 and <7> = 0 binary
Size:
8 bits
7
6
5
4
3
2
1
0
Serial Bus Address
Reserved
Bit 7: Read Only - Reserved.
Bit 6-0: Read/Write - Serial Bus address <6:0>
Value RAM
!
!
!
! Index 20h- 3Fh or 60h - 7Fh (auto-increment)
ADDRESS A6-A0
ADDRESS A6-A0 WITH
AUTO-INCREMENT
DESCRIPTION
20h
60h
VCOREA reading
21h
61h
VINR0 reading
22h
62h
+3.3VIN reading
23h
63h
+5VIN reading
24h
64h
+12VIN reading
25h
65h
-12VIN reading
26h
66h
-5VIN reading
27h
67h
Temperature reading
28h
68h
FAN1 reading
Note: This location stores the number of counts
of the internal clock per revolution.
29h
69h
FAN2 reading
Note: This location stores the number of counts
of the internal clock per revolution.
2Ah
6Ah
FAN3 reading
Note: This location stores the number of counts
of the internal clock per revolution.
2Bh
6Bh
VCOREA High Limit, default value is defined by
Vcore Voltage +0.2v.
2Ch
6Ch
VCOREA Low Limit, default value is defined by
Vcore Voltage -0.2v.
2Dh
6Dh
VINR0 High Limit.
2Eh
6Eh
VINR0 Low Limit.
2Fh
6Fh
+3.3VIN High Limit
30h
70h
+3.3VIN Low Limit
31h
71h
+5VIN High Limit
32h
72h
+5VIN Low Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com