Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 19 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 15Page - SMSC Corporation MON35W42 Datasheet HTML 16Page - SMSC Corporation MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation MON35W42 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
19
FIGURE 12
FAN Speed Count and FAN Speed Control
Fan speed count
Fan speed count inputs provide for signals from fans equipped with tachometer outputs. These signals
must be TTL level, and the maximum input voltage can not be over Vcc. If the input signals from the
tachometer outputs are above VCC, the external voltage must be reduced using external components
to obtain the proper input voltage. The normal circuit and trimming circuits are shown in Figure 13.
Determine the fan counter according to:
Count
RPM Divisor
'
(
(
135 10
6
.
In other words, once the fan speed counter has been read from register CR28 or CR29 or CR2A, the
fan speed can be evaluated by the following equation.
RPM
Count
D ivisor
'
(
(
135
10
6
.
The default divisor is 2 and defined in CR47.bit7~4, CR4B.bit7~6, and Bank0 CR5D.bit5~7 which
contain the three bits for the divisor. This provides very low speed fan counter support for fans such as
power supply fan. The followed table is an example for the relation of divisor, RPM, and count.
2N3904
C
E
B
R=30K, 1%
C=3300pF
Bipolar Transistor
Temperature Sensor
Pentium II
CPU
D+
D-
Therminal
Diode
C=3300pF
R=30K, 1%
VREF
PIITDx
PIITDx
OR
MON35W82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com