Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 14 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 10Page - SMSC Corporation MON35W42 Datasheet HTML 11Page - SMSC Corporation MON35W42 Datasheet HTML 12Page - SMSC Corporation MON35W42 Datasheet HTML 13Page - SMSC Corporation MON35W42 Datasheet HTML 14Page - SMSC Corporation MON35W42 Datasheet HTML 15Page - SMSC Corporation MON35W42 Datasheet HTML 16Page - SMSC Corporation MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14
(d) Typical pointer set followed by immediate read from configuration register
FIGURE 8 – TYPICAL POINTER SET FOLLOWED BY IMMEDIATE READ FROM TEMP 2/3
CONFIGURATION REGISTER
(e) Temperature 2/3 configuration register Write
FIGURE 9 – CONFIGURATION REGISTER WRITE
0
Repea
Start
By Master
D7
D5
D4
Ack
by
SCL (Cont..)
SDA (Cont..)
78
0
Frame 4
MSB Data Byte
Frame 3
Serial Bus Address Byte
D2
D1
D0
7
Stop by
Master
No Ack
by
Master
0
Start By
Master
1001
A2
A1
A0
R/nW
Ack
by
MON35W42
SCL
SDA
78
0
Frame 1
Serial Bus Address Byte
4
D1
D0
Ack
by
Frame 2
Pointer Byte
1
001
A2
A1
A0
R/nW
...
...
D6
D3
8
78
00
0
0
0
0
MON35W42
MON35W42
0
Start By
Master
1
0
0
1
A2
A1
A0
R/nW
Ack
by
MON35W42
SCL
SDA
780
Frame 1
Serial Bus Address Byte
4
D1
D0
Ack
by
Frame 2
Pointer Byte
0
Ack
by
SCL (Cont...)
SDA (Cont...)
78
Frame 3
Configuration Data Byte
0
0
D4
D3
D2
D1
0D0
Stop
by
Master
0
000
0
0
0
78
MON35W42
MON35W42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com