Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 16 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 12Page - SMSC Corporation MON35W42 Datasheet HTML 13Page - SMSC Corporation MON35W42 Datasheet HTML 14Page - SMSC Corporation MON35W42 Datasheet HTML 15Page - SMSC Corporation MON35W42 Datasheet HTML 16Page - SMSC Corporation MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
Analog Inputs
The maximum input voltage of the analog pin is
4.096V, the 8-bit ADC has a 16mv LSB. For
most PC applications, the analog inputs are
connected to the power suppliers. The CPU V-
core voltage,+3.3V and battery voltage can
directly connected to these analog inputs. The
5VSB and +12V inputs should be reduced using
external resistors to obtain the proper input
range. Refer to Figure 11.
FIGURE 11
Pin 36
+2.5VINA
+2.5VINB
Pin 35
+3.3VIN
12VIN
Pin 34
Pin 32
Pin 33
VDD(+5V)
N12VIN
VBAT
Pin 31
Pin 30
R6
R1
V1
N5VIN
Positive Input
Negative Input
8-bit ADC
with
16mV LSB
Typical Thermister Connection
10K, 1%
R
THM
VREF
Pin 37
VTIN3
VTIN2
VTIN1
Pin 38
Pin 39
Pin 40
5VSB
Pin 29
Pin 28
Positive Inputs
R5
R7
R8
10K, 25 C
**The Connections of VTIN1 and VTIN2
are same as VTIN3
R2
R3
R4
R
V2
V3
V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com