Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 36 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation MON35W42 Datasheet HTML 35Page - SMSC Corporation MON35W42 Datasheet HTML 36Page - SMSC Corporation MON35W42 Datasheet HTML 37Page - SMSC Corporation MON35W42 Datasheet HTML 38Page - SMSC Corporation MON35W42 Datasheet HTML 39Page - SMSC Corporation MON35W42 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
Register 50h ~ 5Fh Bank Select -- Index 4Eh
Register Location:
4Eh
Power on Default Value
<6:3> = Reserved, <7> = 1, <2:0> = 0. Reset by MR
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
BANKSEL0
BANKSEL1
BANKSEL2
Reserved
Reserved
Reserved
Reserved
HBACS
Bit 7:
HBACS- High byte access. Set to 1, access Register 4Fh high byte register.
Set to 0, access Register 4Fh low byte register. Default 1.
Bit 6-3: Reserved. This bit should be set to 0.
Bit 2-0: Index ports 0x50~0x5F Bank select.
SMSC Vendor ID -- Index 4Fh
Register Location:
4Fh
Power on Default Value
<15:0> = 5CA3h
Attribute:
Read Only
Size:
16 bits
15
8
7
0
VIDH
VIDL
Bit 15-8: Vendor ID High Byte if CR4E.bit7=1.Default 5Ch.
Bit 7-0: Vendor ID Low Byte if CR4E.bit7=0. Default A3h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com