Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 3 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 3 Page - SMSC Corporation

  MON35W42 Datasheet HTML 1Page - SMSC Corporation MON35W42 Datasheet HTML 2Page - SMSC Corporation MON35W42 Datasheet HTML 3Page - SMSC Corporation MON35W42 Datasheet HTML 4Page - SMSC Corporation MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
3
TABLE OF CONTENTS
FEATURES ............................................................................................................................................ 1
GENERAL DESCRIPTION .................................................................................................................... 2
TABLE OF CONTENTS......................................................................................................................... 3
Key Specifications ............................................................................................................................... 5
PIN CONFIGURATION .......................................................................................................................... 5
PIN DESCRIPTION................................................................................................................................ 6
DESCRIPTION OF PIN FUNCTIONS ....................................................................................................6
Functional Description ........................................................................................................................ 9
General Description ........................................................................................................................... 9
Access Interface ................................................................................................................................ 9
Analog Inputs ................................................................................................................................... 16
FAN Speed Count and FAN Speed Control ..................................................................................... 19
Temperature Measurement Machine ............................................................................................... 21
REGISTERS AND RAM....................................................................................................................... 25
Address Register (Port x5h) ............................................................................................................. 25
Data Register (Port x6h) .................................................................................................................. 26
Configuration Register
! Index 40h ................................................................................................ 27
Interrupt Status Register 1
! Index 41h........................................................................................... 28
Interrupt Status Register 2
! Index 42h.......................................................................................... 28
nSMI Mask Register 1
! Index 43h................................................................................................. 29
nSMI Mask Register 2
! Index 44h................................................................................................. 29
Reserved Register
! Index 45h ...................................................................................................... 30
Chassis Clear Register -- Index 46h ................................................................................................ 30
VID/Fan Divisor Register
! Index 47h ............................................................................................ 30
Serial Bus Address Register
! Index 48h....................................................................................... 31
Value RAM
! Index 20h- 3Fh or 60h - 7Fh (auto-increment) ......................................................... 31
Voltage ID (VID4) & Device ID -- Index 49h ..................................................................................... 32
Temperature 2 and Temperature 3 Serial Bus Address Register--Index 4Ah.................................. 33
Pin Control Register -- Index4Bh ..................................................................................................... 33
nIRQ/nOVT Property Select -- Index 4Ch ........................................................................................ 34
FAN IN/OUT and BEEP/nGPO Control Register -- Index 4Dh ......................................................... 35
Register 50h ~ 5Fh Bank Select -- Index 4Eh.................................................................................. 36
SMSC Vendor ID -- Index 4Fh ......................................................................................................... 36
SMSC Test Register -- Index 50h - 55h (Bank 0)............................................................................ 37
BEEP Control Register 1-- Index 56h (Bank 0) ................................................................................ 37
BEEP Control Register 2-- Index 57h (Bank 0) ................................................................................ 38
Chip ID -- Index 58h (Bank 0) .......................................................................................................... 38
Reserved Register -- Index 59h (Bank 0)........................................................................................ 39
PWMOUT2 Control -- Index 5Ah (Bank 0) ....................................................................................... 39
PWMOUT1 Control -- Index 5Bh (Bank 0) ....................................................................................... 40
PWMOUT1/2 Clock Select -- Index 5Ch (Bank 0)............................................................................ 41
VBAT Monitor Control Register -- Index 5Dh (Bank 0)..................................................................... 41
PWMOUT3 Control -- Index 5Eh (Bank 0) ....................................................................................... 42
PWMOUT4 Control -- Index 5Fh (Bank 0) ....................................................................................... 42
Temperature Sensor 2 Temperature (High Byte) Register - Index 50h (Bank 1) ............................. 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com