Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 28 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation MON35W42 Datasheet HTML 26Page - SMSC Corporation MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
28
Interrupt Status Register 1
!
!
!
! Index 41h
Register Location:
41h
Power on Default Value
00h
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
VCOREA
VINRO
+3.3VIN
+5VIN
TEMP1
TEMP2
FAN1
FAN2
Bit 7: A one indicates the fan count limit of FAN2 has been exceeded.
Bit 6: A one indicates the fan count limit of FAN1 has been exceeded.
Bit 5: A one indicates a High limit of VTIN2 has been exceeded from temperature sensor 2.
Bit 4: A one indicates a High limit of VTIN1 has been exceeded from temperature sensor 1.
Bit 3: A one indicates a High or Low limit of +5VIN has been exceeded.
Bit 2: A one indicates a High or Low limit of +3.3VIN has been exceeded.
Bit 1: A one indicates a High or Low limit of VINR0 has been exceeded.
Bit 0: A one indicates a High or Low limit of VCOREA has been exceeded.
Interrupt Status Register 2
!
!
!
! Index 42h
Register Location:
42h
Power on Default Value
00h
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
+12VIN
-12VIN
-5VIN
FAN3
Chassis Intrusion
Temp3
Reserved
Reserved
Bit 7-6:Reserved.This bit should be set to 0.
Bit 5: A one indicates a High limit of VTIN3 has been exceeded from temperature sensor 3.
Bit 4: A one indicates Chassis Intrusion has gone high.
Bit 3: A one indicates the fan count limit of FAN3 has been exceeded.
Bit 2: A one indicates a High or Low limit of -5VIN has been exceeded.
Bit 1: A one indicates a High or Low limit of -12VIN has been exceeded.
Bit 0: A one indicates a High or Low limit of +12VIN has been exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com