Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 18 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 14Page - SMSC Corporation MON35W42 Datasheet HTML 15Page - SMSC Corporation MON35W42 Datasheet HTML 16Page - SMSC Corporation MON35W42 Datasheet HTML 17Page - SMSC Corporation MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
The other negative voltage input V6 (approximate -5V) also can be evaluated by a similar method and
the series resistors can be selected as R7=120K ohms and R8=56K ohms. The equation for a V6 of -
5V voltage is as follows.
V
NVIN
VREF
6
5
1
'
,(
,
.
.
Where
. is 120K/(120K+56K). If the monitored ADC value in the N5VIN channel is 0.8635,
VREF=3.6V and the parameter
. is 0.6818 then the negative voltage of V6 can be -5V.
Monitor temperature from thermistor:
The MON35W42 can connect to three thermistors to measure three different environment
temperatures. The specification of thermistor is: (1)
- value is 3435K, (2) resistor value is 10K ohms at
25
%C. In Figure 11, the themistor is connected by a series resistor to a 10K Ohms resistor, then to
VREF (Pin 37).
Monitor temperature from Pentium
® II thermal diode or bipolar transistor 2N3904
The MON35W42 can monitor the temperature from the Pentium
® II (Deschutes) thermal diode interface
or a 2N3904 transistor. The circuit is shown in Figure 12. The Pentium
® II D- pin is connected to power
supply ground (GND) and the D+ pin is connected to pin PIITDx in the MON35W42. The resistor
R=30K ohms is connected to VREF to supply the diode bias current and the bypass capacitor
C=3300pF is used to filter the high frequency noise. The transistor 2N3904 is to a form a diode, the
Base (B) and Collector (C) in the 2N3904 are tied together to act as a thermal diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com