Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 30 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 26Page - SMSC Corporation MON35W42 Datasheet HTML 27Page - SMSC Corporation MON35W42 Datasheet HTML 28Page - SMSC Corporation MON35W42 Datasheet HTML 29Page - SMSC Corporation MON35W42 Datasheet HTML 30Page - SMSC Corporation MON35W42 Datasheet HTML 31Page - SMSC Corporation MON35W42 Datasheet HTML 32Page - SMSC Corporation MON35W42 Datasheet HTML 33Page - SMSC Corporation MON35W42 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
30
Reserved Register
!
!
!
! Index 45h
Chassis Clear Register -- Index 46h
Register Location:
46h
Power on Default Value
<7:0> = 00000000 binary
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Chassis Clear
Bit 7: Set to 1, clear Chassis Intrusion event. This bit self clears after clearing Chassis Intrusion event.
Bit 6-0:Reserved. This bit should be set to 0.
VID/Fan Divisor Register
!
!
!
! Index 47h
Register Location:
47h
Power on Default Value
<7:4> is 0101, <3:0> is mapped to VID<3:0>
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
VID0
VID1
VID2
VID3
FAN1DIV_B0
FAN1DIV_B1
FAN2DIV_B0
FAN2DIV_B1
Bit 7-6: FAN2 Speed Control.
Bit 5-4: FAN1 Speed Control.
Bit 3-0: The VID <3:0> inputs
Note: Please refer to Bank0 CR[5Dh] , Fan divisor table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com