Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 52 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 48Page - SMSC Corporation MON35W42 Datasheet HTML 49Page - SMSC Corporation MON35W42 Datasheet HTML 50Page - SMSC Corporation MON35W42 Datasheet HTML 51Page - SMSC Corporation MON35W42 Datasheet HTML 52Page - SMSC Corporation MON35W42 Datasheet HTML 53Page - SMSC Corporation MON35W42 Datasheet HTML 54Page - SMSC Corporation MON35W42 Datasheet HTML 55Page - SMSC Corporation MON35W42 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
Real Time Hardware Status Register II -- Index 5Ah (Bank 4)
Register Location:
5Ah
Power on Default Value
<7:0> 0000,0000. Reset by MR.
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
+12VIN_STS
-12VIN_STS
-5VIN_STS
FAN3_STS
CASE_STS
TEMP3_STS
Reserved
Reserved
Bit 7-6: Reserved
Bit 5:
Temperature sensor 3 Status. Set 1, the voltage of temperature sensor is over the limit value.
Set 0, the voltage of temperature sensor is in the limit range.
Bit 4:
Case Open Status. Set 1, the case open sensor is sensed the high value. Set 0
Bit 3:
FAN3 Voltage Status. Set 1, the fan speed counter is over the limit value. Set 0, the fan speed
counter is during the limit range.
Bit 2:
-5V Voltage Status. Set 1, the voltage of -5V is over the limit value. Set 0, the voltage of -5V is
during the limit range.
Bit 1:
-12V Voltage Status. Set 1, the voltage of -12V is over the limit value. Set 0, the voltage of -
12V is during the limit range.
Bit 0:
+12V Voltage Status. Set 1, the voltage of +12V is over the limit value. Set 0, the voltage of
+12V is in the limit range.
Real Time Hardware Status Register III -- Index 5Bh (Bank 4)
Register Location:
5Bh
Power on Default Value
<7:0> = 0000,0000h
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
5VSB_STS
VBAT_STS
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Bit 7-2: Reserved.
Bit 1: VBAT Voltage Status. Set 1, the voltage of VBAT is over the limit value. Set 0, the voltage of
VBAT is in the limit range.
Bit 0: 5VSB Voltage Status. Set 1, the voltage of 5VSB is over the limit value. Set 0, the voltage of
5VSB is in the limit range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com